Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4DDR232M72PBG Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS4DDR232M72PBG
Description  32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M72PBG Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS4DDR232M72PBG Datasheet HTML 5Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 6Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 7Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 8Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 9Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 10Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 11Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 12Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.4 G
2.4 G
2.4 G
2.4 G
2.4 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M72PBG
AS4DDR232M72PBG
Rev. 2.0 5/07
Austin Semiconductor, Inc. Austin, Texas 512.339.1188 www.austinsemiconductor.com
9
Austin Semiconductor, Inc.
NOTES:
1. For a burst length of two, A1-Ai select two-data-element block;
A0 selects the starting column within the block.
2. For a burst length of four, A2-Ai select four-data-element block;
A0-1 select the starting column within the block.
3. For a burst length of eight, A3-Ai select eight-data-element block;
A0-2 select the starting column within the block.
4. Whenever a boundary of the block is reached within a given
sequence above, the following access wraps within the block.
TABLE 2 - BURST DEFINITION
OPERATING MODE
The normal operating mode is selected by issuing a
command with bit M7 set to ¡°0,¡± and all other bits set to
the desired values, as shown in Figure 5. When bit M7 is
“1,” no other bits of the mode register are programmed.
Programming bit M7 to ¡°1¡± places the DDR2 SDRAM into a
test mode that is only used by the manufacturer and should
not be used. No operation or functionality is guaranteed
if M7 bit is “1.”
Type = Sequential
Type = Interleaved
A1
A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
A2
A1
A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Order of Accesses Within a Burst
4
8
Burst
Length
Starting Column
Address
DLL RESET
DLL RESET is defined by bit M8, as shown in Figure 5.
Programming bit M8 to “1” will activate the DLL RESET
function. Bit M8 is self-clearing, meaning it returns back
to a value of ¡°0¡± after the DLL RESET function has been
issued.
Anytime the DLL RESET function is used, 200 clock cycles
must occur before a READ command can be issued to allow
time for the internal clock to be synchronized with the external
clock. Failing to wait for synchronization to occur may result
in a violation of the tAC or tDQSCK parameters.
WRITE RECOVERY
Write recovery (WR) time is defined by bits M9-M11, as shown
in Figure 5. The WR register is used by the DDR2 SDRAM
during WRITE with auto precharge operation. During WRITE
with auto precharge operation, the DDR2 SDRAM delays
the internal auto precharge operation by WR clocks
(programmed in bits M9-M11) from the last data burst.
WR values of 2, 3, 4, 5, or 6 clocks may be used for
programming bits M9-M11. The user is required to program
the value of WR, which is calculated by dividing tWR (in ns)
by tCK (in ns) and rounding up a non integer value to the next
integer; WR [cycles] = tWR [ns] / tCK [ns]. Reserved states
should not be used as unknown operation or incompatibility
with future versions may result.
POWER-DOWN MODE
Active power-down (PD) mode is defined by bit M12, as
shown in Figure 5. PD mode allows the user to determine
the active power-down mode, which determines
performance versus power savings. PD mode bit M12 does
not apply to precharge PD mode.
When bit M12 = 0, standard active PD mode or “fast-exit”
active PD mode is enabled. The tXARD parameter is used
for fast-exit active PD exit timing. The DLL is expected to be
enabled and running during this mode.
When bit M12 = 1, a lower-power active PD mode or “slowexit”
active PD mode is enabled. The tXARD parameter is used
for slow-exit active PD exit timing. The DLL can be enabled,
but “frozen” during active PD mode since the exit-to-READ
command timing is relaxed. The power difference expected
between PD normal and PD low-power mode is defined in
the ICC table.


Similar Part No. - AS4DDR232M72PBG

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS4DDR232M72APBG MICROSS-AS4DDR232M72APBG Datasheet
1Mb / 28P
   4-bit prefetch architecture
AS4DDR232M72APBG-3 MICROSS-AS4DDR232M72APBG-3 Datasheet
1Mb / 28P
   4-bit prefetch architecture
AS4DDR232M72APBG-38 MICROSS-AS4DDR232M72APBG-38 Datasheet
1Mb / 28P
   4-bit prefetch architecture
AS4DDR232M72APBG-5 MICROSS-AS4DDR232M72APBG-5 Datasheet
1Mb / 28P
   4-bit prefetch architecture
AS4DDR232M72APBGR-3 MICROSS-AS4DDR232M72APBGR-3 Datasheet
1Mb / 28P
   4-bit prefetch architecture
More results

Similar Description - AS4DDR232M72PBG

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG AUSTIN-AS4DDR232M64PBG Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG AUSTIN-AS4DDR264M72PBG Datasheet
267Kb / 28P
   64Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M65PBG1 AUSTIN-AS4DDR264M65PBG1 Datasheet
252Kb / 28P
   64Mx64 DDR2 SDRAM w/ DUAL CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1 AUSTIN-AS4DDR264M64PBG1 Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG1 AUSTIN-AS4DDR264M72PBG1 Datasheet
381Kb / 28P
   64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
   16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3E32M72S-XSBX WEDC-W3E32M72S-XSBX Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com