Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

630BH023 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 630BH023
Description  EMI/RFI Environmental Bulkhead Feed-Through
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

630BH023 Datasheet(HTML) 2 Page - Glenair, Inc.

  630BH023 Datasheet HTML 1Page - Glenair, Inc. 630BH023 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 63 - Page 15
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
TABLE V: CABLE ENTRY
P Max
.843 (21.4)
.906 (23.0)
1.093 (27.8)
1.187 (30.1)
1.281 (32.5)
1.500 (38.1)
1.719 (43.7)
2.062 (52.4)
2.312 (58.7)
2.719 (69.1)
2.969 (75.4)
3.531 (89.7)
M Max
---
---
.957 (24.3)
1.145 (29.1)
1.332 (33.8)
1.332 (33.8)
1.551 (39.4)
1.770 (45.0)
2.113 (53.7)
2.363 (60.0)
2.770 (70.4)
3.020 (76.7)
---
---
R Max
.630 (16.0)
.755 (19.2)
.942 (23.9)
1.067 (27.1)
1.192 (30.3)
1.380 (35.1)
1.535 (39.0)
1.848 (46.9)
2.255 (57.3)
2.505 (63.6)
2.755 (70.0)
3.255 (82.7)
N Max
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
1.073 (27.3)
1.323 (33.6)
1.323 (33.6)
1.572 (39.9)
1.572 (39.9)
1.572 (39.9)
L Max
---
---
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.811 (20.6)
.905 (23.0)
1.092 (27.7)
1.124 (28.5)
1.399 (35.5)
1.399 (35.5)
---
---
Dash No.
01/02
03/04
05/06
07/08
09/10
11/12
13/14
15/16
17/18
19/20
21/22
23/24
Clamp Size
03
04
06
08
10
12
16
20
24
28
32
40
TABLE III: CABLE ENTRY
Dash
No.
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
B
Max
.885 (22.5)
.885 (22.5)
1.104 (28.0)
1.104 (28.0)
1.197 (30.4)
1.197 (30.4)
1.291 (32.8)
1.291 (32.8)
1.385 (35.2)
1.385 (35.2)
1.635 (41.5)
1.635 (41.5)
1.760 (44.7)
1.760 (44.7)
2.010 (51.1)
2.010 (51.1)
2.260 (57.4)
2.260 (57.4)
2.510 (63.8)
2.510 (63.8)
2.781 (70.6)
2.781 (70.6)
3.281 (83.3)
3.281 (83.3)
Style
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
Clamp
Size
03
03
04
04
06
06
08
08
10
10
12
12
16
16
20
20
24
24
28
28
32
32
40
40
C
Dim.
.593 (15.1)
.593 (15.1)
.812 (20.6)
.812 (20.6)
.906 (23.0)
.906 (23.0)
.968 (24.6)
.968 (24.6)
1.062 (27.0)
1.062 (27.0)
1.250 (31.8)
1.250 (31.8)
1.375 (34.9)
1.375 (34.9)
1.562 (39.7)
1.562 (39.7)
1.750 (44.5)
1.750 (44.5)
1.938 (49.2)
1.938 (49.2)
2.188 (55.6)
2.188 (55.6)
2.625 (66.7)
2.625 (66.7)
D Dia
+ .015 (+ .4)
- .000 (- .0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.147 (3.7)
.147 (3.7)
.147 (3.7)
.147 (3.7)
.173 (4.4)
.173 (4.4)
.173 (4.4)
.173 (4.4)
.173 (4.4)
.173 (4.4)
.173 (4.4)
.173 (4.4)
A Thread
Class A
1/2 -28
1/2 -28
5/8 -24
5/8 -24
3/4 -20
3/4 -20
7/8 -20
7/8 -20
1 -20
1 -20
1 3/16 -18
1 3/16 -18
1 7/16 -18
1 7/16 -18
1 3/4 -18
1 3/4 -18
2 -18
2 -18
2 1/4 -16
2 1/4 -16
2 1/2 -16
2 1/2 -16
3 -16
3 -16
Dash No.
01/02
03/04
05/06
07/08
09/10
11/12
13/14
15/16
17/18
19/20
21/22
23/24
J Max
.890 (22.6)
.920 (23.4)
.940 (23.9)
.970 (24.6)
.990 (25.1)
1.020 (25.9)
1.090 (27.7)
1.322 (33.6)
1.425 (36.2)
1.475 (37.5)
1.578 (40.1)
1.802 (45.8)
G Max
1.000 (25.4)
1.060 (26.9)
1.125 (28.6)
1.190 (30.2)
1.250 (31.8)
1.330 (33.8)
1.480 (37.6)
1.781 (45.2)
1.938 (49.2)
2.045 (51.9)
2.218 (56.3)
2.594 (65.9)
Clamp Size
03
04
06
08
10
12
16
20
24
28
32
40
K Max
.670 (17.0)
.670 (17.0)
.670 (17.0)
.670 (17.0)
.670 (17.0)
.670 (17.0)
.670 (17.0)
.700 (17.8)
.700 (17.8)
.700 (17.8)
.820 (20.8)
.820 (20.8)
H Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.773 (19.6)
.823 (20.9)
1.041 (26.4)
1.092 (27.7)
1.138 (28.9)
1.184 (30.1)
1.287 (32.7)
F Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.080 (27.4)
1.200 (30.5)
1.480 (37.6)
1.610 (40.9)
1.720 (43.7)
1.830 (46.5)
2.080 (52.8)
TABLE IV: CABLE ENTRY
Min
* .157
(4.0)
* .157
(4.0)
* .187
(4.7)
* .187
(4.7)
* .281
(7.1)
* .281
(7.1)
.344
(8.7)
.387
(9.8)
.375
(9.5)
.512 (13.0)
.438 (11.1)
.575 (14.6)
.625 (15.9)
.625 (15.9)
.875 (22.2)
.875 (22.2)
1.000 (25.4)
1.000 (25.4)
1.250 (31.8)
1.250 (31.8)
* 1.437 (36.5)
* 1.437 (36.5)
* 1.875 (47.6)
* 1.875 (47.6)
Max
.250
(6.4)
.250
(6.4)
.312
(7.9)
.312
(7.9)
.437 (11.1)
.437 (11.1)
.562 (14.3)
.562 (14.3)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.750 (19.1)
.937 (23.8)
.937 (23.8)
1.250 (31.8)
1.250 (31.8)
1.375 (34.9)
1.375 (34.9)
1.625 (41.3)
1.625 (41.3)
1.875 (47.6)
1.875 (47.6)
2.375 (60.3)
2.375 (60.3)
Cable Range
E Dia
+ .010
(+ .25)
.515 (13.1)
.515 (13.1)
.640 (16.3)
.640 (16.3)
.765 (19.4)
.765 (19.4)
.890 (22.6)
.890 (22.6)
1.015 (25.8)
1.015 (25.8)
1.202 (30.5)
1.202 (30.5)
1.452 (36.9)
1.452 (36.9)
1.765 (44.8)
1.765 (44.8)
2.015 (51.2)
2.015 (51.2)
2.625 (57.5)
2.625 (57.5)
2.515 (63.9)
2.515 (63.9)
3.015 (76.6)
630-023
EMI/RFI Environmental Bulkhead Feed-Through
with Strain Relief
Front and Rear Panel Mount - 45° and 90°
630-023
EMI/RFI Environmental Bulkhead Feed-Through
with Strain Relief
Front and Rear Panel Mount - 45° and 90°
* Not Available in Style M Clamp


Similar Part No. - 630BH023

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
630BH003 GLENAIR-630BH003 Datasheet
460Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
More results

Similar Description - 630BH023

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
630AH003 GLENAIR-630AH003 Datasheet
460Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
630A006NF GLENAIR-630A006NF Datasheet
490Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
630A007NF GLENAIR-630A007NF Datasheet
446Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through with Strain Relief
630A008NF GLENAIR-630A008NF Datasheet
386Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through with Strain Relief
712-852 GLENAIR-712-852 Datasheet
219Kb / 2P
   Metal EMI/RFI Environmental Bulkhead Feed-Thru Fitting Metal EMI/RFI Environmental Bulkhead Feed-Thru Fitting
630A022M GLENAIR-630A022M Datasheet
385Kb / 2P
   EMI/RFI Environmental Bulkhead Banding Adapter
630A005NF GLENAIR-630A005NF Datasheet
394Kb / 2P
   EMI/RFI Environmental G-Spring Bulkhead Fitting
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com