Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC4M4 Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS4LC4M4
Description  4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M4 Datasheet(HTML) 2 Page - Austin Semiconductor

  AS4LC4M4 Datasheet HTML 1Page - Austin Semiconductor AS4LC4M4 Datasheet HTML 2Page - Austin Semiconductor AS4LC4M4 Datasheet HTML 3Page - Austin Semiconductor AS4LC4M4 Datasheet HTML 4Page - Austin Semiconductor AS4LC4M4 Datasheet HTML 5Page - Austin Semiconductor AS4LC4M4 Datasheet HTML 6Page - Austin Semiconductor AS4LC4M4 Datasheet HTML 7Page - Austin Semiconductor AS4LC4M4 Datasheet HTML 8Page - Austin Semiconductor AS4LC4M4 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
16 Me
16 Me
16 Me
16 Me
16 Meg FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
AS4LC4M4
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
2
AS4LC4M4
Rev. 0.3 7/06
Austin Semiconductor, Inc.
FUNCTIONAL BLOCK DIAGRAM
RAS\
VCC
CAS\
VSS
W\
(A0 - A10)
(A0 - A10)
OE\
DQ0
to
DQ3
Control
Clocks
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer
Memory Array
4,194,304 x 4
Cells
Row Decoder
Column Decoder
Data In
Buffer
Data Out
Buffer
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability. Junction temperature depends
upon package type, cycle time, loading, ambient temperature
and airflow, and humidity (plastics).
ABSOLUTE MAXIMUM RATINGS*
Voltage on any pin relative to V
CC (VIN, VOUT) ..........-0.5V to +4.6V
Voltage on V
CC supply relative to VSS (VCC)................-0.5V to +4.6V
Storage Temperature (T
stg).........................................-55°C to +150°C
Power Dissipation (P
D)....................................................................1W
Short Circuit Output Current (I
OS Address).............................50mA
ELECTRICAL CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
(-55oC < T
A
< +125oC & -40oC < T
A
< +85oC ; Vcc = 3.3V +0.3V)
NOTES:
1. V
CC
+ .13V/15ns, Pulse width is measured at V
CC
2. -1.3V/15ns, Pulse width is measured at V
SS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
3.3
3.6
V
Ground
VSS
00
0
V
Input High Voltage
VIH
2.0
---
VCC + 0.3
1
V
Input Low Voltage
VIL
-0.3
2
---
0.8
V


Similar Part No. - AS4LC4M4

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC4M4F1 ALSC-AS4LC4M4F1 Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
AS4LC4M4F1-50JC ALSC-AS4LC4M4F1-50JC Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
AS4LC4M4F1-50JI ALSC-AS4LC4M4F1-50JI Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
AS4LC4M4F1-50TC ALSC-AS4LC4M4F1-50TC Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
More results

Similar Description - AS4LC4M4

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
logo
Samsung semiconductor
KM44C4003C SAMSUNG-KM44C4003C Datasheet
376Kb / 20P
   4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
logo
Mosel Vitelic, Corp
V53C516400A MOSEL-V53C516400A Datasheet
172Kb / 24P
   4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM41C4000D SAMSUNG-KM41C4000D Datasheet
340Kb / 20P
   4M x 1Bit CMOS Dynamic RAM with Fast Page Mode
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Samsung semiconductor
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com