Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

660-052XO20R6 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 660-052XO20R6
Description  Protective Covers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

660-052XO20R6 Datasheet(HTML) 1 Page - Glenair, Inc.

  660-052XO20R6 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
TABLE I: CONNECTOR SHELL SIZE NO.
SHELL
A THREAD
B DIA
SIZE
CLASS 2A/2B
MAX
08
9/16 - 24 UNEF
.776 (19.7)
10
11/16 - 24 UNEF
.906 (23.0)
12
7/8 - 20 UNEF
1.078 (27.4)
14
15/16 - 20 UNEF
1.141 (29.0)
16
1 1/16 - 18 UNEF
1.266 (32.2)
18
1 3/16 - 18 UNEF
1.375 (34.9)
20
1 5/16 - 18 UNEF
1.510 (38.4)
22
1 7/16 - 18 UNEF
1.625 (41.3)
24
1 9/16 - 18 UNEF
1.760 (44.7)
660-051 • 660-052
Composite MIL-DTL-83723 Series III
Protective Covers
660-051
MIL-DTL-83723 SERIES III
THREADED PLUG COVER
660-052
MIL-DTL-83723 SERIES III
THREADED RECEPTACLE COVER
ATTACHMENT
LENGTH
GASKET
.047 (1.2) MAX
.618 (15.7) MAX
A THREAD
B
A THREAD
B
.757 (19.2) MAX
.047 (1.2) MAX
GASKET
ATTACHMENT
LENGTH
Finish Symbol
(See Table II)
Basic Part Number
660-051 - Plug
660-052 - Receptacle
660-051 XO 20 R 6 - 04
Attachment Length
(In Inches)
Connector
Shell Size
(See Table I)
Ring Style Dash Number
See Tables IV, V, VI and VII
on Page B-2
Attachment Type
See Table III
on Page B-2
Metric dimensions (mm) are in parentheses and are for reference only.
TABLE II
Symbol
Finish Description
XB
No Plating - Black Color (Non-Conductive Finish)
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XO
No Plating - Brown Color (Non-Conductive Finish)
XW
2000 Hour Corrosion Resistant Cadmium/Olive
Drab over Electroless Nickel


Similar Part No. - 660-052XO20R6

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-050XO21 GLENAIR-660-050XO21 Datasheet
161Kb / 1P
   Threaded Protective Covers
660-050XO21R6 GLENAIR-660-050XO21R6 Datasheet
257Kb / 1P
   Protective Covers
More results

Similar Description - 660-052XO20R6

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
   Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
   Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
415Kb / 2P
   Protective Covers
660-049XO21R6 GLENAIR-660-049XO21R6 Datasheet
257Kb / 1P
   Protective Covers
M81511-16-08 GLENAIR-M81511-16-08 Datasheet
72Kb / 1P
   Protective Covers
M83723-59-208AC GLENAIR-M83723-59-208AC Datasheet
75Kb / 1P
   Protective Covers
290-009H10 GLENAIR-290-009H10 Datasheet
34Kb / 1P
   Protective Covers
logo
Crydom Inc.,
KS101 CRYDOM-KS101 Datasheet
632Kb / 5P
   PROTECTIVE COVERS
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com