Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C2568 Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS5C2568
Description  32K x 8 SRAM SRAM MEMORY ARRAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C2568 Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS5C2568 Datasheet HTML 4Page - Austin Semiconductor AS5C2568 Datasheet HTML 5Page - Austin Semiconductor AS5C2568 Datasheet HTML 6Page - Austin Semiconductor AS5C2568 Datasheet HTML 7Page - Austin Semiconductor AS5C2568 Datasheet HTML 8Page - Austin Semiconductor AS5C2568 Datasheet HTML 9Page - Austin Semiconductor AS5C2568 Datasheet HTML 10Page - Austin Semiconductor AS5C2568 Datasheet HTML 11Page - Austin Semiconductor AS5C2568 Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.5 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #108 (Package Designator C)
SMD 5962-88662, Case Outline N
NOTE: These dimensions are per the SMD. ASI's package dimensional limits may
differ, but they will be within the SMD limits.
* All measurements are in inches.
S2
A
Q
L
e
b
b2
S1
D
E
MIN
MAX
A
---
0.225
b
0.014
0.026
b2
0.045
0.065
c
0.008
0.018
D
---
1.485
E
0.240
0.310
eA
e
L
0.125
0.200
Q
0.015
0.070
S1
0.005
---
S2
0.005
---
SYMBOL
0.100 BSC
SMD SPECIFICATIONS
0.300 BSC
eA
c


Similar Part No. - AS5C2568

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
Austin Semiconductor
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ-12/883C AUSTIN-AS5C2568DJ-12/883C Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS5C2568

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
   64K x 1 SRAM SRAM MEMORY ARRAY
MT5C1001 AUSTIN-MT5C1001_05 Datasheet
100Kb / 13P
   1M x 1 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
   128K x 32 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com