Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C4008CW-45L Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS5C4008CW-45L
Description  512K x 8 SRAM SRAM MEMORY ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008CW-45L Datasheet(HTML) 5 Page - Austin Semiconductor

  AS5C4008CW-45L Datasheet HTML 1Page - Austin Semiconductor AS5C4008CW-45L Datasheet HTML 2Page - Austin Semiconductor AS5C4008CW-45L Datasheet HTML 3Page - Austin Semiconductor AS5C4008CW-45L Datasheet HTML 4Page - Austin Semiconductor AS5C4008CW-45L Datasheet HTML 5Page - Austin Semiconductor AS5C4008CW-45L Datasheet HTML 6Page - Austin Semiconductor AS5C4008CW-45L Datasheet HTML 7Page - Austin Semiconductor AS5C4008CW-45L Datasheet HTML 8Page - Austin Semiconductor AS5C4008CW-45L Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C4008
AS5C4008
Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
NOTES
1.
All voltages referenced to V
SS (GND).
2.
-2V for pulse width < 20ns
3.
I
CC is dependent on output loading and cycle rates.
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading
as shown in Fig. 1 unless otherwise noted.
6.
tLZCE, tLZWE, tLZOE, tHZCE, tHZOE and tHZWE
are specified with CL = 5pF as in Fig. 2. Transition is
measured ±200mV from steady state voltage.
7.
At any given temperature and voltage condition,
tHZCE is less than tLZCE, and tHZWE is less than
tLZWE.
8.
WE\ is HIGH for READ cycle.
9.
Device is continuously selected. Chip enables and
output enables are held in their active state.
10. Address valid prior to, or coincident with, latest
occurring chip enable.
11. tRC = Read Cycle Time.
12. Chip enable and write enable can initiate and
terminate a WRITE cycle.
13. Output enable (OE\) is inactive (HIGH).
14. Output enable (OE\) is active (LOW).
15. ASI does not warrant functionality nor reliability of any
product in which the junction temperature exceeds
150°C. Care should be taken to limit power to acceptable
levels.
Fig. 1 Output Load Equivalent
Fig. 2 Output Load Equivalent
167 ohms
167 ohms
1.73V
1.73V
C=5pF
C=30pF
Q
Q
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
AC TEST CONDITIONS
Input pulse levels ................................................... Vss to 3.0V
Input rise and fall times ....................................................... 3ns
Input timing reference levels ............................................ 1.5V
Output reference levels ..................................................... 1.5V
Output load ............................................... See Figures 1 and 2
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
NOTES
VCC for Retention Data
VDR
2V
Data Retention Current
(L Version Only)
VCC = 2V
ICCDR
4.5
mA
Chip Deselect to Data
Retention Time
tCDR
0ns
4
Operation Recovery Time
tR
10
ms
4, 11
CE\ > (Vcc -0.2V)
VIN > (Vcc -0.2V) or < 0.2V
CONDITIONS


Similar Part No. - AS5C4008CW-45L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008CW-45L/883C AUSTIN-AS5C4008CW-45L/883C Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-45L/IT AUSTIN-AS5C4008CW-45L/IT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-45L/XT AUSTIN-AS5C4008CW-45L/XT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS5C4008CW-45L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com