Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

710-652NF40 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 710-652NF40
Description  Multi-Port Special Purpose Transitions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

710-652NF40 Datasheet(HTML) 2 Page - Glenair, Inc.

  710-652NF40 Datasheet HTML 1Page - Glenair, Inc. 710-652NF40 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
G-15
E-Mail: sales@glenair.com
www.glenair.com
Notes:
1. Metric dimensions (mm) are in parentheses.
2. Plate diameter "B" is based on outlet combinations,
utilizing Type "T" Designator (page 00 and 00)
fittings. Consult factory for available combinations.
TABLE III
SYMBOL FINISH
BOlive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
MElectroless Nickel
NOlive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
TBright Dip Cadmium Plate over Nickel
Z1
Passivate
TABLE I
Dash
No.
20
21
22
23
24
26
28
30
31
32
33
34
35
36
37
38
40
42
58
60
A Thread
Class 2A
1 1/4 - 18 UNEF
1 5/16 - 18 UNEF
1 3/8 - 18 UNEF
1 7/16 - 18 UNEF
1 1/2 - 18 UNEF
1 5/8 - 18 UNEF
1 3/4 - 18 UNS
1 7/8 - 18 UNS
1 15/16 - 16 UN
2- 18 UN
2 1/16 - 16 UNS
2 1/8 - 16 UN
2 3/16 - 16 UNS
2 1/4 - 16 UN
2 5/16 - 16 UNS
2 3/8 - 16 UN
2 1/2 - 16 UN
2 5/8 - 16 UN
3 5/8 - 16 UN
3 3/4 - 16 UN
B
Max
1.41
(35.8)
1.47
(37.3)
1.53
(38.9)
1.59
(40.4)
1.66
(42.2)
1.78
(45.2)
1.91
(48.5)
2.03
(51.6)
2.09
(53.1)
2.16
(54.9)
2.22
(56.4)
2.28
(57.9)
2.34
(59.4)
2.41
(61.2)
2.47
(62.7)
2.53
(64.3)
2.66
(67.6)
2.78
(70.6)
3.78
(96.0)
3.91
(99.3)
E
±.005
(.1)
.980 (24.9)
1.040 (26.4)
1.100 (27.9)
1.160 (29.5)
1.220 (31.0)
1.350 (34.3)
1.480 (37.6)
1.590 (40.4)
1.660 (42.2)
1.730 (43.9)
1.780 (45.2)
1.840 (46.7)
1.900 (48.3)
1.970 (50.0)
2.030 (51.6)
2.090 (53.1)
2.220 (56.4)
2.340 (59.4)
3.340 (84.8)
3.468 (88.1)
F
±.005
(.1)
1.095 (27.8)
1.157 (29.4)
1.220 (31.0)
1.280 (32.5)
1.345 (34.2)
1.470 (37.3)
1.595 (40.5)
1.720 (43.7)
1.770 (45.0)
1.845 (46.9)
1.900 (48.3)
1.960 (49.8)
2.020 (51.3)
2.085 (53.0)
2.145 (54.5)
2.210 (56.1)
2.335 (59.3)
2.460 (62.5)
3.460 (87.9)
3.590 (91.2)
Port
Conduit
Dash No.
1
2
3
4
5
6
7
8
9
10
11
12
A Thread
Class 2A
7/16 - 28 UNEF
1/2 - 20 UNEF
9/16 - 24 UNEF
9/16 - 24 UNEF
5/8 - 24 UNEF
11/16 - 24 UNEF
3/4 - 20 UNEF
7/8 - 20 UNEF
1- 20 UNEF
1 3/16 - 18 UNEF
1 5/16 - 18 UNEF
1 1/2 - 18 UNEF
TABLE II
Conduit
Code
Ref.
06
08
09
10
12
14
16
20
24
28
32
40
D
±.005
(.1)
.187
(4.7)
.250
(6.4)
.281
(7.1)
.312
(7.9)
.375
(9.5)
.437 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
710-652
Multi-Port Special Purpose Transitions
for Series 72 & 74 Tubing and Series 75 Conduit


Similar Part No. - 710-652NF40

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-652NF GLENAIR-710-652NF Datasheet
362Kb / 2P
   Multi-Port, Special Purpose Transitions
More results

Similar Description - 710-652NF40

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-652NF GLENAIR-710-652NF Datasheet
362Kb / 2P
   Multi-Port, Special Purpose Transitions
710-493MA24 GLENAIR-710-493MA24 Datasheet
67Kb / 1P
   Metal Multi-Branch Transitions
710-093 GLENAIR-710-093 Datasheet
71Kb / 1P
   Metal Multi-Branch Transitions
710-077 GLENAIR-710-077 Datasheet
69Kb / 1P
   Metal Multi-Branch Transitions
710-444M GLENAIR-710-444M Datasheet
66Kb / 1P
   Metal Multi-Branch Transitions
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA15QS1-2 LITTELFUSE-LA15QS1-2 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com