Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C4008F-35 Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS5C4008F-35
Description  512K x 8 SRAM SRAM MEMORY ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008F-35 Datasheet(HTML) 4 Page - Austin Semiconductor

  AS5C4008F-35 Datasheet HTML 1Page - Austin Semiconductor AS5C4008F-35 Datasheet HTML 2Page - Austin Semiconductor AS5C4008F-35 Datasheet HTML 3Page - Austin Semiconductor AS5C4008F-35 Datasheet HTML 4Page - Austin Semiconductor AS5C4008F-35 Datasheet HTML 5Page - Austin Semiconductor AS5C4008F-35 Datasheet HTML 6Page - Austin Semiconductor AS5C4008F-35 Datasheet HTML 7Page - Austin Semiconductor AS5C4008F-35 Datasheet HTML 8Page - Austin Semiconductor AS5C4008F-35 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C4008
AS5C4008
Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(-55oC<T
A<125
oC or -40oC to +85oC; Vcc = 5V +10%)
MIN
MAX
MIN
MAX
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX
READ CYCLE
Read Cycle Time
tRC
12
15
17
20
25
35
45
ns
Address Access Time
tAA
12
15
17
20
25
35
45
ns
Chip Enable Access Time
tACE
12
15
17
20
25
35
45
ns
Output Hold From Address Change
tOH
2
2
22
22
2
ns
Chip Enable to Output in Low-Z
tLZCE
2
2
22
22
2
ns
4, 6, 7
Chip Disable to Output in High-Z
tHZCE
0
6.5
0
7
0
8080
10
0
15
0
20
ns
4, 6, 7
Output Enable Acess Time
tAOE
78
8
10
12
15
25
ns
Output Enable to Output in Low-Z
tLZOE
0
0
00
00
0
ns
4, 6, 7
Output Disable to Output in High-Z
tHZOE
0
6.5
0
7
0
8080
10
0
15
0
20
ns
4, 6, 7
WRITE CYCLE
WRITE Cycle Time
tWC
12
15
17
20
25
35
45
ns
Chip Enable to End of Write
tCW
12
15
16
17
20
30
35
ns
Address Valid to End of Write
tAW
12
15
16
17
20
30
35
ns
Address Setup Time
tAS
0
0
00
00
0
ns
Address Hold From End of Write
tAH
1
0
11
11
1
ns
WRITE Pulse Width
tWP
12
15
16
17
20
30
35
ns
Data Setup Time
tDS
6.5
7
9
10
12
20
25
ns
Data Hold Time
tDH
0
0
00
00
0
ns
Write Disable to Output in Low-Z
tLZWE
0
0
00
00
0
ns
4, 6, 7
Write Enable to Output in High-Z
tHZWE
0
6.5
0
7
0
8080
10
0
25
0
30
ns
4, 6, 7
-12
UNITS NOTES
SYM
DESCRIPTION
-25
-20
-35
-45
-17
-15


Similar Part No. - AS5C4008F-35

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008F-35L/883C AUSTIN-AS5C4008F-35L/883C Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008F-35L/IT AUSTIN-AS5C4008F-35L/IT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008F-35L/XT AUSTIN-AS5C4008F-35L/XT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS5C4008F-35

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com