Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C4008ECJ-15L Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS5C4008ECJ-15L
Description  512K x 8 SRAM SRAM MEMORY ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008ECJ-15L Datasheet(HTML) 1 Page - Austin Semiconductor

  AS5C4008ECJ-15L Datasheet HTML 1Page - Austin Semiconductor AS5C4008ECJ-15L Datasheet HTML 2Page - Austin Semiconductor AS5C4008ECJ-15L Datasheet HTML 3Page - Austin Semiconductor AS5C4008ECJ-15L Datasheet HTML 4Page - Austin Semiconductor AS5C4008ECJ-15L Datasheet HTML 5Page - Austin Semiconductor AS5C4008ECJ-15L Datasheet HTML 6Page - Austin Semiconductor AS5C4008ECJ-15L Datasheet HTML 7Page - Austin Semiconductor AS5C4008ECJ-15L Datasheet HTML 8Page - Austin Semiconductor AS5C4008ECJ-15L Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C4008
AS5C4008
Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
AVAILABLE AS MILITARY
SPECIFICATION
• SMD 5962-95600
• SMD 5962-95613
• MIL STD-883
OPTIONS
MARKING
• Timing
12ns access
-12
15ns access
-15
17ns access
-17
20ns access
-20
25ns access
-25
35ns access
-35
45ns access
-45
• Operating Temperature Range
Military: -55oC to +125oCXT
Industrial: -40oC to +85oCIT
• Packages
Ceramic Dip (600 mil)
CW
No. 112
Ceramic Flatpack
F
No. 304
Ceramic LCC
EC
No. 209
Ceramic SOJ
ECJ
No. 502
Ceramic LCC (contact factory)
ECA
No. 208
• Options
2V data retention/ low power
L
NOTE: Not all combinations of operating temperature, speed, data retention and
low power are necessarily available. Please contact factory for availability of specific part
number combinations.
GENERAL DESCRIPTION
The AS5C4008 is a 4 megabit monolithic CMOS SRAM,
organized as a 512K x 8.
The evolutionary 32 pin device allows for easy upgrades from
the 1 meg SRAM.
For flexibility in high-speed memory applications, ASI offers
chip enable (CE\) and output enable (OE\) capabilities. These
enhancements can place the outputs in High-Z for additional flexibil-
ity in system design.
Writing to these devices is accomplished when write enable (WE\)
and CE\ inputs are both LOW. Reading is accomplished when WE\
remains HIGH and CE\ and OE\ go LOW. This allows systems
designers to meet low standby power requirements.
All devices operate from a single +5V power supply and all
inputs are fully TTL-Compatible.
PIN ASSIGNMENT
(Top View)
32-Pin DIP (CW), 32-Pin LCC (EC)
32-Pin SOJ (ECJ)
512K x 8 SRAM
SRAM MEMORY ARRAY
For more products and information
please visit our web site at
www.austinsemiconductor.com
FEATURES
• High Speed: 12, 15, 17, 20, 25, 35 and 45ns
• High-performance, low power military grade device
• Single +5V ±10% power supply
• Easy memory expansion with CE\ and OE\ options
• All inputs and outputs are TTL-compatible
• Ease of upgradability from 1 Meg using the 32 pin
evolutionary version.
32-Pin Flat Pack (F)
32-Pin LCC (ECA)
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
A15
A17
WE\
A13
A8
A9
A11
OE\
A10
CE\
I/O7
I/O6
I/O5
I/O4
I/O3
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
A15
A17
WE\
A13
A8
A9
A11
OE\
A10
CE\
I/O7
I/O6
I/O5
I/O4
I/O3
4 3 2
32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
WE\
A13
A8
A9
A11
OE\
A10
CE\
I/O 7
1


Similar Part No. - AS5C4008ECJ-15L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008ECJ-15L/883C AUSTIN-AS5C4008ECJ-15L/883C Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008ECJ-15L/IT AUSTIN-AS5C4008ECJ-15L/IT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008ECJ-15L/XT AUSTIN-AS5C4008ECJ-15L/XT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS5C4008ECJ-15L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com