Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5SP128K32DQ-6ET Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS5SP128K32DQ-6ET
Description  Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SP128K32DQ-6ET Datasheet(HTML) 4 Page - Austin Semiconductor

  AS5SP128K32DQ-6ET Datasheet HTML 1Page - Austin Semiconductor AS5SP128K32DQ-6ET Datasheet HTML 2Page - Austin Semiconductor AS5SP128K32DQ-6ET Datasheet HTML 3Page - Austin Semiconductor AS5SP128K32DQ-6ET Datasheet HTML 4Page - Austin Semiconductor AS5SP128K32DQ-6ET Datasheet HTML 5Page - Austin Semiconductor AS5SP128K32DQ-6ET Datasheet HTML 6Page - Austin Semiconductor AS5SP128K32DQ-6ET Datasheet HTML 7Page - Austin Semiconductor AS5SP128K32DQ-6ET Datasheet HTML 8Page - Austin Semiconductor AS5SP128K32DQ-6ET Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AS5SP128K32DQ
Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification
Revision 1.1 07/29/04
For Additional Products and Information visit out Web site at
www.austinsemiconductor.com
4
COTS PEM
AS5SP128K32DQ
Austin Semiconductor, Inc.
SSRAM
Linear Burst
Burst Control
State
Case 1
Case 2
Case 3
Case 4
Pin [MODE]
LOW
A1
A0
A1
A0
A1
A0
A1
A0
First Address
00011
011
01101
100
10110
001
Fourth Address
11000
110
Synchronous Truth Tables
Burst Sequence Tables
Write Table
Absolute Maximum Ratings*
*Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions greater than those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum conditions for any duration or segment of time may affect
device reliability.
Capacitance
Asynchronous Truth Table
AC Test Loads
CE1\
CE2
CE3\
ADSP\
ADSC\
ADV
WT / RD
CLK
Address Accessed
Operation
H
X
X
X
L
X
X
NA
Not Selected
L
L
X
L
X
X
X
NA
Not Selected
L
X
H
L
X
X
X
NA
Not Selected
L
L
X
X
L
X
X
NA
Not Selected
LX
H
X
LX
X
NA
Not Selected
L
H
L
L
X
X
X
External Address
Begin Burst, READ
L
H
L
H
L
X
WT
External Address
Begin Burst, WRITE
L
H
L
H
L
X
RD
External Address
Begin Burst, READ
X
X
X
H
H
L
RD
Next Address
Continue Burst, READ
H
X
X
X
H
L
RD
Next Address
Continue Burst, READ
X
X
X
H
H
L
WT
Next Address
Continue Burst, WRITE
H
X
X
X
H
L
WT
Next Address
Continue Burst, WRITE
X
X
X
H
H
H
RD
Current Address
Suspend Burst, READ
H
X
X
X
H
H
RD
Current Address
Suspend Burst, READ
X
X
X
H
H
H
WT
Current Address
Suspend Burst, WRITE
H
X
X
X
H
H
WT
Current Address
Suspend Burst, WRITE
Notes:
1. X = Don’t Care
2. WT= WRITE operation in WRITE TABLE, RD= READ operation in WRITE TABLE
GW\
BW\
BWa\
BWb\
BWc\
BWd\
Operation
H
H
XXXX
READ
H
L
H
HHH
READ
H
L
L
H
H
H
WRITE Byte [A]
H
L
H
L
H
H
WRITE Byte [B]
H
L
H
H
L
L
WRITE Byte [C], [D]
H
LLLL
L
WRITE ALL Bytes
L
XXXXX
WRITE ALL Bytes
Parameter
Symbol
Min.
Max.
Units
Voltage on VDD Pin
VDD
-0.3
4.6
V
Voltage on VDDQ Pins
VDDQ
VDD
V
Voltage on Input Pins
VIN
-0.3
VDD+0.3
V
Voltage on I/O Pins
VIO
-0.3
VDDQ+0.3
V
Power Dissipation
PD
1.6
W
Storage Temperature
tSTG
-65
150
οC
Operating Temperatures
/CT
070
οC
[Screening Levels]
/IT
-40
85
οC
/ET
-40
105
οC
/XT
-55
125
οC
Parameter
Symbol
Max.
Units
Input Capacitance
CI
5.0
pF
Input/Output Capacitance
CIO
5.0
pF
Clock Input Capacitance
CCLK
5.0
pF
R= 1538 ohm@2.5v
R= 351 ohm@3.3v
3.3/2.5v
Output
Diagram [B]
5 pF
R= 317 ohm@3.3v
R= 1667 ohm@2.5v
Output
Zo=50 ohm
30 pF
Rt = 50 ohm
Vt= Termination Voltage
Rt= Termination Resistor
Vt= 1.50v for 3.3v VDDQ
Vt= 1.25v for 2.5v VDDQ
Diagram [A]
Operation
ZZ
OE\
I/O Status
Power-Down (SLEEP)
H
X
High-Z
READ
L
L
DQ
L
H
High-Z
WRITE
L
X
Din, High-Z
De-Selected
L
X
High-Z
Interleaved Burst
Burst Control
State
Case 1
Case 2
Case 3
Case 4
Pin [MODE]
HIGH
A1
A0
A1
A0
A1
A0
A1
A0
First Address
0
0
0110
11
01
0011
10
10
1100
01
Fourth Address
1
1
1001
00


Similar Part No. - AS5SP128K32DQ-6ET

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP128K32 MICROSS-AS5SP128K32 Datasheet
759Kb / 13P
   Synchronous Operation in relation to the input Clock
More results

Similar Description - AS5SP128K32DQ-6ET

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP128K36DQ AUSTIN-AS5SP128K36DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP512K18DQ AUSTIN-AS5SP512K18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 9Mb, 512K x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP1M18DQ AUSTIN-AS5SP1M18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP256K36DQ AUSTIN-AS5SP256K36DQ Datasheet
370Kb / 11P
   Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP512K36DQ AUSTIN-AS5SP512K36DQ Datasheet
294Kb / 11P
   Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
logo
Integrated Device Techn...
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
   32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com