Electronic Components Datasheet Search |
|
712FJ386M16 Datasheet(PDF) 2 Page - Glenair, Inc. |
|
712FJ386M16 Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2003 Glenair, Inc. Printed in U.S.A. CAGE Codes 06324 C-13 E-Mail: sales@glenair.com www.glenair.com TABLE III SYMBOL MATERIAL FINISH A Aluminum Alloy, 6061-T6 Cadmium, Olive Drab, per QQ-P-416, over Electroless Nickel per QQ-A-225/8 per ASTM B733-90, and MIL-C-26074, 500 Hour Salt Spray B Brass, ASTM B16 per QQ-B-626 C Corrosion Resistant Steel Passivate per QQ-P-35 per QQ-S-763, 300 Series M Aluminum Alloy, 6061-T6 Electroless Nickel per ASTM B733-90 per QQ-A-225/8 and MIL-C-26074 NC Aluminum Alloy, 6061-T6 Zinc Cobalt, Olive Drab per QQ-A-225/8 S Carbon Steel, B1113, Cadmium, Olive Drab per QQ-P-416, over Electroless Nickel per QQ-S-637 per ASTM B733-90 and MIL-C-26074, 500 Hour Salt Spray NOTES: 1. Metric dimensions (mm), are in parentheses. 2. O-Ring not supplied with connector designator A. 3. F dimension is based on type A construction. Add .125 (3.2) to listed dimensions for additional shield types B through D. 4. When tubing I.D. max exceeds inside diameter of connector shell, style 2 will be supplied. Refer to pages F-15 and F-16. TABLE II DASH CONDUIT F MAX G1 H1 J1 K1 NO. I.D. E (NOTE 3) MAX MAX MAX MAX 08 .250 (6.4) .75 (19.1) 1.16 (29.5) .624 (15.8) 1.700 (43.2) .750 (19.1) 1.810 (46.0) 12 .375 (9.5) .75 (19.1) 1.34 (34.0) .654 (16.6) 1.730 (43.9) .810 (20.6) 1.870 (47.5) 16 .500 (12.7) .75 (19.1) 1.46 (37.1) .688 (17.5) 1.750 (44.5) .870 (22.1) 1.930 (49.0) 20 .625 (15.9) .75 (19.1) 1.65 (41.9) .705 (17.9) 1.780 (45.2) .920 (23.4) 2.000 (50.8) 24 .750 (19.1) .75 (19.1) 1.84 (46.7) .732 (18.6) 1.800 (45.7) .980 (24.9) 2.060 (52.3) 32 1.000 (25.4) 1.00 (25.4) 2.02 (51.3) .773 (19.6) 2.020 (51.3) 1.080 (27.4) 2.390 (60.7) 40 1.250 (31.8) 1.00 (25.4) 2.34 (59.4) .823 (20.9) 2.090 (53.1) 1.200 (30.5) 2.540 (64.5) 48 1.500 (38.1) 1.00 (25.4) 2.72 (69.1) 1.041 (26.4) 2.360 (59.9) 1.480 (37.6) 2.870 (72.9) 56 1.750 (44.5) 1.00 (25.4) 2.96 (75.2) 1.062 (27.0) 2.410 (61.2) 1.550 (39.4) 2.960 (75.2) 64 2.000 (50.8) 1.00 (25.4) 3.22 (81.8) 1.092 (27.7) 2.450 (62.2) 1.610 (40.9) 3.070 (78.0) 80 2.500 (63.5) 1.00 (25.4) 3.86 (98.0) 1.190 (30.2) 2.550 (64.8) 1.860 (47.2) 3.320 (84.3) 96 3.000 (76.2) 1.00 (25.4) 4.38 (111.3) 1.250 (31.8) 2.610 (66.3) 1.990 (50.5) 3.450 (87.6) TABLE I SHELLSIZE G H J K A,F,L H MAX MAX MAX MAX 08 09 .639 (16.2) 1.700 (43.2) .750 (19.1) 1.810 (46.0) 10 11 .654 (16.6) 1.730 (43.9) .810 (20.6) 1.870 (47.5) 12 13 .688 (17.5) 1.750 (44.5) .870 (22.1) 1.930 (49.0) 14 15 .705 (17.9) 1.780 (45.2) .920 (23.4) 2.000 (50.8) 16 17 .732 (18.6) 1.800 (45.7) .980 (24.9) 2.060 (52.3) 18 19 .748 (19.0) 1.810 (46.0) 1.020 (25.9) 2.080 (52.8) 20 21 .773 (19.6) 2.020 (51.3) 1.080 (27.4) 2.390 (60.7) 22 23 .800 (20.3) 2.060 (52.3) 1.140 (29.0) 2.470 (62.7) 24 25 .823 (20.9) 2.090 (53.1) 1.200 (30.5) 2.540 (64.5) 28 1.041 (26.4) 2.320 (58.9) 1.480 (37.6) 2.780 (70.6) 32 1.092 (27.7) 2.360 (59.9) 1.610 (40.9) 2.870 (72.9) 36 1.138 (28.9) 2.410 (61.2) 1.720 (43.7) 2.960 (75.2) 40 1.184 (30.1) 2.450 (62.2) 1.830 (46.5) 3.070 (78.0) 44 1.235 (31.4) 2.500 (63.5) 1.950 (49.5) 3.200 (81.3) 48 1.287 (32.7) 2.550 (64.8) 2.080 (52.8) 3.320 (84.3) 61 1.003 (25.5) 2.270 (57.7) 1.390 (35.3) 2.380 (60.5) 712-386 Straight, 45° & 90° Environmental User-Installable Fitting for Series 75 Flexible Metal-Core Conduit |
Similar Part No. - 712FJ386M16 |
|
Similar Description - 712FJ386M16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |