Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5SS256K36 Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS5SS256K36
Description  256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SS256K36 Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS5SS256K36_05 Datasheet HTML 5Page - Austin Semiconductor AS5SS256K36_05 Datasheet HTML 6Page - Austin Semiconductor AS5SS256K36_05 Datasheet HTML 7Page - Austin Semiconductor AS5SS256K36_05 Datasheet HTML 8Page - Austin Semiconductor AS5SS256K36_05 Datasheet HTML 9Page - Austin Semiconductor AS5SS256K36_05 Datasheet HTML 10Page - Austin Semiconductor AS5SS256K36_05 Datasheet HTML 11Page - Austin Semiconductor AS5SS256K36_05 Datasheet HTML 12Page - Austin Semiconductor AS5SS256K36_05 Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SSRAM
SSRAM
SSRAM
SSRAM
SSRAM
AS5SS256K36 &
AS5SS256K36A
AS5SS256K36 &
AS5SS256K36A
Rev. 3.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(Note 1) (-55oC to +125oC or -40oC to +85oC)
MIN
MAX
MIN
MAX
CLOCK
Clock cycle time
tKC
10.0
15.0
ns
Clock frequency
tKF
100
66
MHz
Clock HIGH time
tKH
3.0
4.0
ns
2
Clock LOW time
tKL
3.0
4.0
ns
2
OUTPUT TIMES
Clock to output valid
tKQ
8.5
10.0
ns
Clock to output invalid
tKQX
3.0
3.0
ns
3
Clock to output in Low-Z
tKQLZ
3.0
3.0
ns
3, 4, 5, 6,
Clock to output in High-Z
tKQHZ
5.0
5.0
ns
3, 4, 5, 6,
OE\ to output valid
tOEQ
5.0
5.0
ns
7
OE\ to output in Low-Z
tOELZ
0
0
ns
3, 4, 5, 6,
OE\ to output in High-Z
tOEHZ
5.0
5.0
ns
3, 4, 5, 6,
SETUP TIMES
Address
tAS
1.8
2.0
ns
8, 9
Address status (ADSC\, ADSP\)
tADSS
1.8
2.0
ns
8, 9
Address advance (ADV\)
tAAS
1.8
2.0
ns
8, 9
Byte write enables (BWa\ - BWd\, GW\, BWE\)
tWS
1.8
2.0
ns
8, 9
Data-in
tDS
1.8
2.0
ns
8, 9
Chip enable (CE\)
tCES
1.8
2.0
ns
8, 9
HOLD TIMES
Address
tAH
0.5
0.5
ns
8, 9
Address status (ADSC\, ADSP\)
tADSH
0.5
0.5
ns
8, 9
Address advance (ADV\)
tAAH
0.5
0.5
ns
8, 9
Byte write enables (BWa\ - BWd\, GW\, BWE\)
tWH
0.5
0.5
ns
8, 9
Data-in
tDH
0.5
0.5
ns
8, 9
Chip enable (CE\)
tCEH
0.5
0.5
ns
8, 9
UNITS
NOTES
SYMBOL
DESCRIPTION
-10
-8.5
NOTE:
1. Test conditions as specified with the output loading shown in Figure 1 unless otherwise noted.
2. Measured as HIGH above V
IH
and LOW below V
IL
.
3. This parameter is measured with the output loading shown in Figure 2 for 3.3V I/O.
4. This parameter is sampled.
5. Transition is measured +500mV from steady state voltage.
6. Refer to Technical Note TN-58-09, “Synchronous SRAM Bus Contention Design Considerations,” for a more thorough discussion on these
parameters.
7. OE\ is a “Don’t Care” when a byte write enable is sampled LOW.
8. A READ cycle is defined by byte write enables all HIGH or ADSP\ LOW for the required setup and hold times. A WRITE cycle is defined by
a t
least one byte write enable LOW and ADSP\ HIGH for the required setup and hold times.
9. This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK when either ADSP\ or
ADSC\ is LOW and chip enabled. All other synchronous inputs must meet the setup and hold times with stable logic levels for all rising edges
of clock (CLK) when the chip is enabled. Chip enable must be valid at each rising edge of CLK when either ADSP\ or ADSC\ is LOW to
remain enabled.


Similar Part No. - AS5SS256K36_05

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36A AUSTIN-AS5SS256K36A Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/883C AUSTIN-AS5SS256K36ADQ-10/883C Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/IT AUSTIN-AS5SS256K36ADQ-10/IT Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/XT AUSTIN-AS5SS256K36ADQ-10/XT Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-8.5/883C AUSTIN-AS5SS256K36ADQ-8.5/883C Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
More results

Similar Description - AS5SS256K36_05

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
logo
Alliance Semiconductor ...
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
logo
Cypress Semiconductor
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
logo
Austin Semiconductor
AS5SS512K36 AUSTIN-AS5SS512K36 Datasheet
753Kb / 15P
   512K x 36 SSRAM Flow-Through SRAM No Bus Latency
AS5SS128K36 AUSTIN-AS5SS128K36 Datasheet
144Kb / 16P
   128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
logo
AMIC Technology
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com