Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5SS256K36A Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS5SS256K36A
Description  256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SS256K36A Datasheet(HTML) 4 Page - Austin Semiconductor

  AS5SS256K36A Datasheet HTML 1Page - Austin Semiconductor AS5SS256K36A Datasheet HTML 2Page - Austin Semiconductor AS5SS256K36A Datasheet HTML 3Page - Austin Semiconductor AS5SS256K36A Datasheet HTML 4Page - Austin Semiconductor AS5SS256K36A Datasheet HTML 5Page - Austin Semiconductor AS5SS256K36A Datasheet HTML 6Page - Austin Semiconductor AS5SS256K36A Datasheet HTML 7Page - Austin Semiconductor AS5SS256K36A Datasheet HTML 8Page - Austin Semiconductor AS5SS256K36A Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SSRAM
SSRAM
SSRAM
SSRAM
SSRAM
AS5SS256K36 &
AS5SS256K36A
AS5SS256K36 &
AS5SS256K36A
Rev. 3.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
PIN DESCRIPTION (continued)
Pin Number
SYMBOL
TYPE
DESCRIPTION
84
ASDP\
Input
Synchronous Address Status Processor: This active LOW inputs
interrupts any ongoing burst, causing a new external address to be
registered. A READ is performed using the new address, independent of
the byte write enables and ADSC\, but dependent upon CE\, CE2 and
CE2\. ADSP\ is ignored if CE\ is HIGH. Power-down state is entered if
CE2 is LOW or CE2\ is HIGH.
31
MODE
Input
MODE: This inputs selects the burst sequence. A LOW on this pin
select "linear burst." NC or HIGH on this pin selects "interleaved burst."
Do not alter input state while device is operating.
64
ZZ
Input
Snooze Enable: This active HIGH, asynchronous input causes the
device to enter a low-power standby mode in which all data in the
memory array is retained. When ZZ is active, all other inputs are
ignored.
(a) 52, 53, 56-59,
62, 63
(b) 68, 69, 72-75,
78, 79
(c) 2, 3, 6-9, 12,
13
(d) 18, 19, 22-25,
28, 29
DQa
DQb
DQc
DQd
Input/
Output
SRAM Data I/O's: Byte "a" is DQa pins; Byte "b" is DQb pins; Byte "c" is
DQc pins; Byte "d" is DQd pins. Input data must meet setup and hold
times around the rising edge of CLK.
51
80
1
30
NC/DQPa
NC/DQPb
NC/DQPc
NC/DQPd
NC/ I/O
Parity Data I/Os: Byte "a" parity is DQPa; Byte "b" parity is DQPb; Byte
"c" parity is DQPc; Byte "d" parity is DQPd.
15, 41, 65, 91
VDD
Supply
Power Supply: See DC Electrical Characteristics and Operating
Conditions for range.
4, 11, 20, 27, 54,
61, 70, 77
VDDQ
Supply
Isolated Output Buffer Supply: See DC Electrical Characteristics and
Operating Conditions for range.
5, 10, 14, 17, 21,
26, 40, 55, 60, 67,
71, 76, 90
Vss
Supply Ground: GND
38, 39
DNU
---
Do Not Use: These signals may either be unconnected or wired to GND
to improve package heat dissipation.
16, 66
NC
---
No Connect: These signals are not internally connected and may be
connected to GND to improve package heat dissipation.
42
43 (A version)
NF
---
No Function: These pins are internally connected to the die and have
the capacitance of an input pin. It is allowable to leave these pins
unconnected or driven by signals. On the 3 CE version, pin 42 is
reserved as an address upgrade pin for the 16Mb Synchronous Burst.


Similar Part No. - AS5SS256K36A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36A AUSTIN-AS5SS256K36A Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/883C AUSTIN-AS5SS256K36ADQ-10/883C Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/IT AUSTIN-AS5SS256K36ADQ-10/IT Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/XT AUSTIN-AS5SS256K36ADQ-10/XT Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-8.5/883C AUSTIN-AS5SS256K36ADQ-8.5/883C Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
More results

Similar Description - AS5SS256K36A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
logo
Alliance Semiconductor ...
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
logo
Cypress Semiconductor
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
logo
Austin Semiconductor
AS5SS512K36 AUSTIN-AS5SS512K36 Datasheet
753Kb / 15P
   512K x 36 SSRAM Flow-Through SRAM No Bus Latency
AS5SS128K36 AUSTIN-AS5SS128K36 Datasheet
144Kb / 16P
   128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
logo
AMIC Technology
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com