Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5SS256K36 Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS5SS256K36
Description  256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SS256K36 Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS5SS256K36 Datasheet HTML 3Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 4Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 5Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 6Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 7Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 8Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 9Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 10Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SSRAM
SSRAM
SSRAM
SSRAM
SSRAM
AS5SS256K36 &
AS5SS256K36A
AS5SS256K36 &
AS5SS256K36A
Rev. 3.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Storage Temperature (Plastics) ...........................-55
°C to +150°C
Storage Temperature (Ceramics) .........................-55
°C to +125°C
Short Circuit Output Current (per I/O)…............................100mA
Voltage on any Pin Relative to Vss........................-0.5V to +4.6 V
Max Junction Temperature**..............................................+150
°C
V
IN
(DQx) .........................................................-0.5V to V
DDQ +0.5V
V
IN
(inputs) ................................................... ....-0.5V to V
DD +0.5V
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity.
3.3V I/O DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(-55oC to +125oC or -40oC to +85oC; V
DD, VDDQ = +3.3V +0.3V/-0.165V unless otherwise noted)
PARAMETER
CONDITION
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.2
VCC +0.3
V
1, 2
Input Low (Logic 0) Voltage
VIL
-0.3
0.8
V
1, 2
Input Leakage Current
OV < VIN < Vcc
ILI
-2
2
μΑ
3
Output Leakage Current
Output(s) disabled, OV < VOUT < Vcc
ILO
-2
2
μΑ
Output High Voltage
IOH = -4.0 mA
VOH
2.4
--
V
1, 4
Output Low Voltage
IOL = 8.0 mA
VOL
---
0.4
V
1, 4
Supply Voltage
VDD
3.135
3.6
V
1
Isolated Output Buffer Supply
VDDQ
3.135
3.6
V
1, 5
NOTES:
1. All voltages referenced to Vss (GND).
2. Overshoot: V
IH < +4.6V for t<t
KC
/2 for I < 20mA
Undershoot: V
IL > -0.7V for t<t
KC
/2 for I < 20mA
Power-up: V
IH < +3.6V and VDD < 3.135V for t < 200ms
3. MODE and ZZ pins have internal pull-up resistors, and input leakage = +10
μA
4. The load used for V
OH, VOL testing is shown in Figure 2 for 3.3V I/O. AC load current is higher than the stated DC values.
AC I/O curves are available upon request.
5. V
DDQ should never exceed VDD. VDD and VDDQ can be connected together.
6. This parameter is sampled.
THERMAL RESISTANCE
DESCRIPTION
SYM
TYP
UNITS NOTES
Thermal Resistance
(Junction to Ambient)
1-layer
θJA
40
oC/W
6
Thermal Resistance
(Junction to Top of Case, Top)
θJC
9
oC/W
6
Thermal Resistance
(Junction to Pins, Bottom)
θJB
17
oC/W
6
CONDITIONS
Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA/JESD51.


Similar Part No. - AS5SS256K36

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
logo
Austin Semiconductor
AS5SS256K36A AUSTIN-AS5SS256K36A Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/883C AUSTIN-AS5SS256K36ADQ-10/883C Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/IT AUSTIN-AS5SS256K36ADQ-10/IT Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
More results

Similar Description - AS5SS256K36

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
logo
Alliance Semiconductor ...
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
logo
Cypress Semiconductor
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
logo
Austin Semiconductor
AS5SS512K36 AUSTIN-AS5SS512K36 Datasheet
753Kb / 15P
   512K x 36 SSRAM Flow-Through SRAM No Bus Latency
AS5SS128K36 AUSTIN-AS5SS128K36 Datasheet
144Kb / 16P
   128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
logo
AMIC Technology
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com