Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C512K8F-45L Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS5C512K8F-45L
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C512K8F-45L Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS5C512K8F-45L Datasheet HTML 5Page - Austin Semiconductor AS5C512K8F-45L Datasheet HTML 6Page - Austin Semiconductor AS5C512K8F-45L Datasheet HTML 7Page - Austin Semiconductor AS5C512K8F-45L Datasheet HTML 8Page - Austin Semiconductor AS5C512K8F-45L Datasheet HTML 9Page - Austin Semiconductor AS5C512K8F-45L Datasheet HTML 10Page - Austin Semiconductor AS5C512K8F-45L Datasheet HTML 11Page - Austin Semiconductor AS5C512K8F-45L Datasheet HTML 12Page - Austin Semiconductor AS5C512K8F-45L Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #210 (Package Designator EC)
SMD 5962-95600, Case Outline N
D
E
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
Pin 1 identifier area
L2
L
e
B
R
D1
1
36
MIN
MAX
A
0.080
0.100
A1
0.054
0.066
B
0.022
0.028
D
0.910
0.930
D1
0.840
0.860
E
0.445
0.460
e
L
L2
0.115
0.135
P
---
0.006
R
0.009 TYP
SYMBOL
0.100 TYP
SMD SPECIFICATIONS
0.050 BSC
*All measurements are in inches.
A
A1
P


Similar Part No. - AS5C512K8F-45L

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5C512K8F-45L MICROSS-AS5C512K8F-45L Datasheet
719Kb / 19P
   RoHS Compliant Options Available
logo
Austin Semiconductor
AS5C512K8F-45L/883C AUSTIN-AS5C512K8F-45L/883C Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8F-45L/H AUSTIN-AS5C512K8F-45L/H Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
More results

Similar Description - AS5C512K8F-45L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8 AUSTIN-AS5C512K8 Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC512K8 AUSTIN-AS5LC512K8_09 Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC512K8 AUSTIN-AS5LC512K8 Datasheet
285Kb / 12P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com