Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

790-027SH-66MTNN Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 790-027SH-66MTNN
Description  Panel Mount Connectors, Crimp Termination
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

790-027SH-66MTNN Datasheet(HTML) 1 Page - Glenair, Inc.

  790-027SH-66MTNN Datasheet HTML 1Page - Glenair, Inc. 790-027SH-66MTNN Datasheet HTML 2Page - Glenair, Inc. 790-027SH-66MTNN Datasheet HTML 3Page - Glenair, Inc. 790-027SH-66MTNN Datasheet HTML 4Page - Glenair, Inc. 790-027SH-66MTNN Datasheet HTML 5Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-6
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section E: Panel Mount Connectors, Crimp Termination
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
PANEL PLUGS WIth SoCKEt CoNtACtS, CRIMP tERMINAtIoN, 790-027S
HOW TO ORDER
Sample Part Number
790-027S
H-66
M
E
P
Part Number
Shell Size -
Insert Arr.
Shell Finish
EMI Spring
Hardware Option
790-027S
Rear Panel Mounted
Plug with Socket
Contacts
See Table 1 for
Available Insert
Arrangements
To order a connector
without size #16 or #12
power pins, substitute
“W” instead of “P” in
the insert arrangement.
Example:
36P2 is supplied with 2
power pins.
36W2 is supplied less
the power pins.
See Section B for
coaxial contacts
purchased separately.
M
Electroless Nickel
general purpose applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum corrosion
protection and durability
(non-reflective grey)
ZNU
Zinc-Nickel with Black
Chromate
tactical applications
(non-reflective black)
Additional shell finishes
are listed on page C-9.
E
EMI Spring
N
No Spring
EMI
SPRING
N
No Hardware
G
Guide Pin
P
Female Jackpost
S
Female Guide Socket
MATERIALS AND FINISHES
Shell
Aluminum alloy
Contacts
Copper alloy, 50 microinches gold
plated, stainless steel hood
Insulators
Liquid crystal polymer (LCP)
Retention Clips
Beryllium copper alloy
Grommet
Flourosilicone rubber
Hardware
300 series stainless steel
Panel Gasket
Fluorosilicone, conductive
790-027S connectors are designed for rear-panel mounting and are supplied with
conductive panel gaskets.These connectors feature machined aluminum shells and wire
grommets for environmental protection. Contacts are rear-release snap-in crimp type.
Connectors are supplied with crimp contacts packaged separately. Size #23 signal pins
accept up to #22 AWG wire. Size #16 contacts accept #16-18 AWG wire. Size #12 contacts
accept #12-14 AWG wire. Size 12 and 16 cavities also accept coaxial contacts purchased
separately. Attach optional shielding adapters (799-016) for EMI protection.
SPECIFICATIONS
Current Rating
#23 5 AMPS, #16 13 A., #12 23 A.
Dielectric Withstanding
Voltage
#23 500 VAC RMS, #12 and #16
1800 VAC RMS
Insulation Resistance
5000 megohms minimum
Operating Temperature -65° C. to +150° C.
Shock
300 g.
Vibration
37 g.
Rev. 04-July-2009


Similar Part No. - 790-027SH-66MTNN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MK GLENAIR-790-024PC-13MK Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13ML GLENAIR-790-024PC-13ML Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MP GLENAIR-790-024PC-13MP Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MS GLENAIR-790-024PC-13MS Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
More results

Similar Description - 790-027SH-66MTNN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-026PL-6P6MN GLENAIR-790-026PL-6P6MN Datasheet
865Kb / 5P
   Panel Mount Connectors, Crimp Termination
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-025SH-5P5EMN GLENAIR-790-025SH-5P5EMN Datasheet
895Kb / 3P
   Cable Connectors, Crimp Termination
804-003-00C5-3PA GLENAIR-804-003-00C5-3PA Datasheet
672Kb / 4P
   Crimp Termination
M24758-19-02-A GLENAIR-M24758-19-02-A Datasheet
110Kb / 1P
   Panel Termination
790-066 GLENAIR-790-066 Datasheet
474Kb / 5P
   Micro-Crimp Rear Panel Mount
logo
Hirose Electric
QR HIROSE-QR_18 Datasheet
368Kb / 8P
   Ultra-small Rack/Panel Crimp Connectors
QR-P15 HIROSE-QR-P15 Datasheet
626Kb / 7P
   Ultra-small Rack/Panel Crimp Connectors
logo
Tyco Electronics
2-1437567-8 MACOM-2-1437567-8 Datasheet
53Kb / 1P
   ?? Amp??Panel Mount Pushbutton Wire-Lug Termination
logo
Glenair, Inc.
240-790-071 GLENAIR-240-790-071 Datasheet
335Kb / 6P
   Rear Panel Mount with Solder Cup Termination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com