Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

790-025SH-5P5NMTL Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 790-025SH-5P5NMTL
Description  Cable Connectors, Crimp Termination
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

790-025SH-5P5NMTL Datasheet(HTML) 2 Page - Glenair, Inc.

  790-025SH-5P5NMTL Datasheet HTML 1Page - Glenair, Inc. 790-025SH-5P5NMTL Datasheet HTML 2Page - Glenair, Inc. 790-025SH-5P5NMTL Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-5
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section D: Cable Connectors, Crimp Termination
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
CRoSS-SECtIoNAL vIEW oF 790-025S
Table 1 Contact Arrangements
Layout
Contact
Quantity
Face View
#23#16#12
A-5
5
B-2P2
2
B-9
9
C-13
13
D-15
15
D-3P3
3
D-7P2
5 2
E-11P2 9 2
E-19
19
E-7P3
4 3
F-15P2 13 2
F-23
23
F-5P5
5
G-33
33
h-10P4 6
4
h-29P7 22 7
H-36P2 34
2
h-54P2 52 2
H-5P5
5
H-66
66
J-17P4 13 4
J-25P2 23 2
J-33
33
J-7P7
7
K-27P4 23 4
K-35P2 33 2
K-43
43
K-9P9
9
L-6P6
6
FRONT INSULATOR
RETAINING CLIP
REAR INSULATOR
GROMMET
POTTING
WIRE (REF.)
EMI SPRING
CONTACT SOCKET
SHELL
GROOVE FOR
EMI ADAPTER
TABLE 2 HARDWARE OPTION
ACTUAL SIZE
.190 (4.83)
MAX
N
No Mating Hardware
Connector is supplied with thru-holes. Shell
sizes H and L are .148" (3.76) diameter, other shell
sizes are .092" (2.34) diameter. Accepts standard
Micro-D M83513 hardware.
P
Jackposts
Connector is supplied with removable jackposts.
Shell sizes H and L have #4-40 UNC thread,
other sizes have #2-56 thread. Stainless steel.
Conforms to M83513/05.
ACTUAL SIZE
.155
(3.94)
MAX
ACTUAL SIZE
.925
(23.5)
MAX
L
Hex Head Jackscrews
Connector is supplied with stainless steel non-
removable low profile jackscrews. Shell sizes H
and L have #4-40 UNC thread, other sizes have
#2-56 thread.
K
Extended Jackscrews
Connector is supplied with stainless steel slot
head non-removable jackscrews. Shell sizes H
and L have #4-40 UNC thread, other sizes have
#2-56 thread.
ACTUAL SIZE
.290 (7.37)
MAX
ACTUAL SIZE
.925
(23.50)
MAX
S
Hex Head Screwlocks
Connector is supplied with stainless steel non-
removable low profile screwlocks. Shell sizes H
and L have #4-40 UNC thread, other sizes have
#2-56 thread. Screwlocks allow the connector to
be mated before the screws are fastened.
T
Extended Screwlocks
Connector is supplied with stainless steel non-
removable slot head screwlocks. Shell sizes H
and L have #4-40 UNC thread, other sizes have
#2-56 thread. Screwlocks allow the connector to
be mated before the screws are fastened.
Rev. 04-July-2009


Similar Part No. - 790-025SH-5P5NMTL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MK GLENAIR-790-024PC-13MK Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13ML GLENAIR-790-024PC-13ML Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MP GLENAIR-790-024PC-13MP Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MS GLENAIR-790-024PC-13MS Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
More results

Similar Description - 790-025SH-5P5NMTL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-027SH-66MEN GLENAIR-790-027SH-66MEN Datasheet
948Kb / 5P
   Panel Mount Connectors, Crimp Termination
790-026PL-6P6MN GLENAIR-790-026PL-6P6MN Datasheet
865Kb / 5P
   Panel Mount Connectors, Crimp Termination
804-003-00C5-3PA GLENAIR-804-003-00C5-3PA Datasheet
672Kb / 4P
   Crimp Termination
logo
ITT Industries
DEMA-15P ITT-DEMA-15P Datasheet
45Kb / 1P
   DDM High reliable D-Sub Connectors with crimp termination
050909-0001 ITT-050909-0001 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050913-0194 ITT-050913-0194 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
051536-0000 ITT-051536-0000 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050912-0002 ITT-050912-0002 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050909-0267 ITT-050909-0267 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com