Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8146 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 8146
Description  CONNECTORIZED ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8146 Datasheet(HTML) 1 Page - Micronetics, Inc.

  8146 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONNECTORIZED ATTENUATORS
28
DESCRIPTION
These analog attenuators are
optimized for high speed
and/or linearity and ideal for
use in automatic gain control
circuitry. Each attenuator
can be used as a standalone
product or integrated into
the 8169 digital attenuator
family (see previous page).
Hermetic, military/industrial
design.
ADDITIONAL FEATURES
s Linearity: + 1.3 dB
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Analog
APPLICATIONS
s Electronic
Countermeasure (ECM)
s Communications test
equipment
s Electronic Warfare (EW)
s Radar Warning Receiver
(RWR)
PART #
TYPE
FREQ
LOSS
ATTEN
VSWR
SWITCH
RF
DC
RANGE
dB
RANGE
SPEED
POWER
SUPPLY
GHZ
dB
ns
dBm
Volts
8126
6 Bit
6-10
2.7
63
2.0:1
50
10
0-10
8136
6 Bit
4-8
2.5
63
2.0:1
50
10
0-10
8146
6 Bit
12-18
3.2
63
2.0:1
50
10
0-10
ELECTRICAL CHARACTERISTICS
-
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW .MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 8146

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8146 BITECH-8146 Datasheet
217Kb / 4P
   Precision Potentiometer / Position Sensor
logo
Weidmuller
8146450000 WEIDMULLER-8146450000 Datasheet
1Mb / 52P
   SAK-series
logo
Bi technologies
8146R100KT5L.25XX BITECH-8146R100KT5L.25XX Datasheet
76Kb / 5P
   7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
8146R10KT5L.25XX BITECH-8146R10KT5L.25XX Datasheet
76Kb / 5P
   7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
8146R1KT5L.25XX BITECH-8146R1KT5L.25XX Datasheet
76Kb / 5P
   7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
More results

Similar Description - 8146

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
8165 MICRONETICS-8165 Datasheet
56Kb / 2P
   CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
Agilent(Hewlett-Packard...
LST0X00 HP-LST0X00 Datasheet
179Kb / 4P
   Connectorized ELEDS
PDT0X1X HP-PDT0X1X Datasheet
154Kb / 5P
   Connectorized PIN Photodiodes
logo
Mitsubishi Electric Sem...
FU-17SLD-F1 MITSUBISHI-FU-17SLD-F1 Datasheet
50Kb / 3P
   FC-CONNECTORIZED MODULE
logo
Roithner LaserTechnik G...
FU-17SLD-F3M1 ROITHNER-FU-17SLD-F3M1 Datasheet
54Kb / 3P
   FC-CONNECTORIZED MODULE
logo
Micronetics, Inc.
4031 MICRONETICS-4031 Datasheet
71Kb / 3P
   CONNECTORIZED PHASE SHIFTERS
logo
Mitsubishi Electric Sem...
FU-116SLD-F1 MITSUBISHI-FU-116SLD-F1 Datasheet
60Kb / 3P
   SC-CONNECTORIZED MODULE
FU-116SLD-F3M1 MITSUBISHI-FU-116SLD-F3M1 Datasheet
62Kb / 3P
   SC-CONNECTORIZED MODULE
FU-17SLD-F3M1 MITSUBISHI-FU-17SLD-F3M1 Datasheet
50Kb / 3P
   FC-CONNECTORIZED MODULE
logo
Hittite Microwave Corpo...
C-20 HITTITE-C-20 Datasheet
100Kb / 1P
   CONNECTORIZED HERMETIC MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com