Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

790-036PD-7P2MTGA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 790-036PD-7P2MTGA
Description  Right Angle Printed Circuit Board Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

790-036PD-7P2MTGA Datasheet(HTML) 1 Page - Glenair, Inc.

  790-036PD-7P2MTGA Datasheet HTML 1Page - Glenair, Inc. 790-036PD-7P2MTGA Datasheet HTML 2Page - Glenair, Inc. 790-036PD-7P2MTGA Datasheet HTML 3Page - Glenair, Inc. 790-036PD-7P2MTGA Datasheet HTML 4Page - Glenair, Inc. 790-036PD-7P2MTGA Datasheet HTML 5Page - Glenair, Inc. 790-036PD-7P2MTGA Datasheet HTML 6Page - Glenair, Inc. 790-036PD-7P2MTGA Datasheet HTML 7Page - Glenair, Inc. 790-036PD-7P2MTGA Datasheet HTML 8Page - Glenair, Inc. 790-036PD-7P2MTGA Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-1
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section G: Right Angle Printed Circuit Board Connectors
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
PANEL RECEPtACLES WIth PIN CoNtACtS, RIGht ANGLE PCB tERMINAtIoN, 790-036P
HOW TO ORDER
Sample Part Number
790-036P
D-7P2
MT
P
A
Part Number
Shell Size -
Insert Arr.
Shell Finish
Hardware Option
PC Tail Length
790-036P
Rear-Panel Mounted
Receptacle with 90° PC
Tail Pin Contacts for
Termination to Backplanes
or Flexible Circuits
See Table 1 for
Available Insert
Arrangements
M
Electroless Nickel
general purpose applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum corrosion
protection and durability
(non-reflective grey)
ZNU
Zinc-Nickel with Black
Chromate
tactical applications
(non-reflective black)
Additional shell finishes
are listed on page C-9.
N
No Hardware
A
.125 Inch (3.2 mm.)
B
.250 inch (6.4 mm.)
PC TAIL
LENGTH
G
Guide Pin
P
Female Jackpost
S
Female Guide Socket
MATERIALS AND FINISHES
Shell
Aluminum alloy
Contacts
Copper alloy, 50 microinches gold
plated
Insulator
Liquid crystal polymer (LCP)
Interfacial Seal
Flourosilicone rubber
Hardware
300 series stainless steel
Panel Gasket
Fluorosilicone, conductive
Encapsulant
Epoxy
Lightweight, rugged right angle headers feature gold-plated contacts for thru-hole
printed circuit board termination. 790-036P connectors are designed for rear-panel
mounting and are supplied with conductive panel gaskets. Contacts are permanently
installed and are sealed with epoxy. Shells are aluminum alloy.Threaded board mounting
holes and integral standoffs simplify installation. EMI shroud improves EMI performance.
Fluorosilicone face seal provides watertight interface. Available in 29 different contact
arrangements, these connectors feature size #23 signal contacts along with #16 and #12
power contacts for up to 23 amps current rating.
SPECIFICATIONS
Current Rating
#23 5 AMPS, #16 13 A., #12 23 A.
Dielectric Withstanding
Voltage
#23 500 VAC RMS, #12 and #16
1800 VAC RMS
Insulation Resistance
5000 megohms minimum
Operating Temperature -65° C. to +150° C.
Shock
300 g.
Vibration
37 g.
Rev. 04-July-2009


Similar Part No. - 790-036PD-7P2MTGA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-037SH-5P5MEGA GLENAIR-790-037SH-5P5MEGA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-037SH-5P5MEGB GLENAIR-790-037SH-5P5MEGB Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-037SH-5P5MENA GLENAIR-790-037SH-5P5MENA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-037SH-5P5MENB GLENAIR-790-037SH-5P5MENB Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-037SH-5P5MEPA GLENAIR-790-037SH-5P5MEPA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
More results

Similar Description - 790-036PD-7P2MTGA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-037SH-5P5MENA GLENAIR-790-037SH-5P5MENA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
890-008 GLENAIR-890-008 Datasheet
77Kb / 4P
   Nanominiature Connectors Single Row Right Angle Printed Circuit Board
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
891-008 GLENAIR-891-008 Datasheet
155Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Right Angle Printed Circuit Board
logo
Grayhill, Inc
38BT-4-V-3-S GRAYHILL-38BT-4-V-3-S Datasheet
61Kb / 1P
   Actuates at Right Angle to Printed Circuit Board
logo
Glenair, Inc.
790-043P-K9PMN GLENAIR-790-043P-K9PMN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-028PJ-25P2MNA GLENAIR-790-028PJ-25P2MNA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com