Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

790-044SD-15MNP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 790-044SD-15MNP
Description  Straight Printed Circuit Board Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

790-044SD-15MNP Datasheet(HTML) 1 Page - Glenair, Inc.

  790-044SD-15MNP Datasheet HTML 1Page - Glenair, Inc. 790-044SD-15MNP Datasheet HTML 2Page - Glenair, Inc. 790-044SD-15MNP Datasheet HTML 3Page - Glenair, Inc. 790-044SD-15MNP Datasheet HTML 4Page - Glenair, Inc. 790-044SD-15MNP Datasheet HTML 5Page - Glenair, Inc. 790-044SD-15MNP Datasheet HTML 6Page - Glenair, Inc. 790-044SD-15MNP Datasheet HTML 7Page - Glenair, Inc. 790-044SD-15MNP Datasheet HTML 8Page - Glenair, Inc. 790-044SD-15MNP Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-21
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section F: Straight Printed Circuit Board Connectors
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
PLUGS WIth SoCKEt CoNtACtS, StRAIGht PCB tERMINAtIoN, 790-044S
HOW TO ORDER
Sample Part Number
790-044S
D-15
MT
E
P
B
Part Number
Shell Size -
Insert Arr.
Shell Finish
EMI Spring
Hardware Option
PC Tail Length
790-044S
Plug with Straight Thru-
Hole PC Tail Contacts
for Termination to
Backplanes or Flexible
Circuits
See Table 1
for Available
Insert
Arrangements
M
Electroless Nickel
general purpose
applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum corrosion
protection and durability
(non-reflective grey)
ZNU
Zinc-Nickel with
Black Chromate
tactical applications
(non-reflective black)
Additional shell
finishes are listed on
page C-9.
E
EMI Spring
N
No Spring
EMI
SPRING
N
No Hardware
A
.125 Inch (3.2 mm.)
B
.250 inch (6.4 mm.)
PC TAIL
LENGTH
LCP INSULATOR
.007
(0.18)
.195 (4.95)
EMI GASKET
.025 (0.64)
EPOXY
EMI COVER
LCP TRAY
CONTACT PIN
INTERFACIAL SEAL
INSULATOR
EPOXY
.007
(0.18)
.195 (4.95)
EMI GASKET
.025 (0.64)
INTERFACIAL SEAL
P
Female Jackpost
MATERIALS AND FINISHES
Shell
Aluminum alloy
Contacts
Copper alloy, 50 microinches gold
plated, stainless steel hood
Insulator
Liquid crystal polymer (LCP)
Jackposts
300 series stainless steel
Encapsulant
Epoxy
LCP INSULATOR
.007
(0.18)
.195 (4.95)
EMI GASKET
.025 (0.64)
EPOXY
EMI COVER
LCP TRAY
CONTACT PIN
INTERFACIAL SEAL
INSULATOR
EPOXY
.007
(0.18)
.195 (4.95)
EMI GASKET
.025 (0.64)
INTERFACIAL SEAL
Free-standing, rugged vertical mount headers feature gold-plated PC tail contacts
for thru-hole printed circuit board termination. Contacts are permanently installed
and are sealed with epoxy. Shells are aluminum alloy. Threaded board mounting
holes and integral standoffs simplify installation. Available in 29 different contact
arrangements, these connectors feature size #23 signal contacts along with #16 and
#12 power contacts for up to 23 amps current rating. Optional EMI spring improves
shell-to-shell conductivity and shielding performance. Stainless steel jackposts are
non-removable.
SPECIFICATIONS
Current Rating
#23 5 AMPS, #16 13 A., #12 23 A.
Dielectric Withstanding
Voltage
#23 500 VAC RMS, #12 and #16
1800 VAC RMS
Insulation Resistance
5000 megohms minimum
Operating Temperature -65° C. to +150° C.
Shock
300 g.
Vibration
37 g.
Rev. 04-July-2009


Similar Part No. - 790-044SD-15MNP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2MT GLENAIR-790-041PJ25P2MT Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2ZNU GLENAIR-790-041PJ25P2ZNU Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6MN GLENAIR-790-042S-L6P6MN Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
More results

Similar Description - 790-044SD-15MNP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-043P-K9PMN GLENAIR-790-043P-K9PMN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-028PJ-25P2MNA GLENAIR-790-028PJ-25P2MNA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
790-029SK-43MENA GLENAIR-790-029SK-43MENA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
790-037SH-5P5MENA GLENAIR-790-037SH-5P5MENA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Tyco Electronics
557089 MACOM-557089 Datasheet
42Kb / 1P
   CHAMP. 050 Series I Connectors, Printed Circuit Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com