Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

942-005NCB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 942-005NCB
Description  Plug/Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

942-005NCB Datasheet(HTML) 1 Page - Glenair, Inc.

  942-005NCB Datasheet HTML 1Page - Glenair, Inc. 942-005NCB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
F-10
F
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
SHELL
SIZE
CODE
A THREAD
0.1P-0.3L-TS-2
B DIA
MAX
09
A
.6250
.859
11
B
.7500
.969
13
C
.8750
1.141
15
D
1.0000
1.266
17
E
1.1875
1.391
19
F
1.2500
1.500
21
G
1.3750
1.625
23
H
1.5000
1.750
25
J
1.6250
1.875
942-005
Sav-Con® Connector Saver
Plug/Receptacle
for Use with MIL-DTL-38999 Series III
A Thread
Class 2A
Full Mate
Red Indicator
Band
1.500 (38.1)
B
Knurl Style Mfr Option
Set Screws to Lock Coupling
Ground Spring
(Standard)
A Thread
Class 2B
APPLICATION NOTES
Assembly features straight-thru double ended socket contacts.
1.
Power to a given contact on one end will result in power to
contact directly opposite regardless of identification.
Metric dimensions (mm) are indicated in parentheses.
2.
Material/finish:
3.
Barrel/shell, coupling nut, lock ring—Al alloy
Contacts, grounding ring—Copper Al alloy/gold plate
Detent spring—Corrosion resistant material
Retaining device—CRES/passivate
O-ring, interfacial & peripheral seals—Fluorosilicone/N.A.
Insulators—High grade rigid dielectric/ N.A.
Connector Material and Finish
See Table II
Shell Size
Code
942 - 005
NF
B - 35
P
B
Basic Number
P - Pins, plug side
S - Sockets, plug side
Alternate positions:
A, B, C, D, E
(N = Normal)
Product Series
942 - Connector Saver
Insert Arrangement
MIL-DTL-38999 Series III
MIL-STD-1560


Similar Part No. - 942-005NCB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
More results

Similar Description - 942-005NCB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
942-L003M17 GLENAIR-942-L003M17 Datasheet
357Kb / 2P
   Plug/Receptacle
logo
Molex Electronics Ltd.
03-09-1151 MOLEX1-03-09-1151 Datasheet
163Kb / 2P
   RECEPTACLE&PLUG
logo
Glenair, Inc.
942L004M08G GLENAIR-942L004M08G Datasheet
385Kb / 2P
   Plug/Receptacle
logo
Molex Electronics Ltd.
03-09-1054 MOLEX1-03-09-1054 Datasheet
94Kb / 2P
   RECEPTACLE & PLUG
logo
AVX Corporation
00-8129-015-610-001 AVX-00-8129-015-610-001 Datasheet
197Kb / 2P
   varicon짰 plug/receptacle
logo
Tyco Electronics
40800 MACOM-40800 Datasheet
34Kb / 1P
   RECEPTACLE, SPARK PLUG
logo
Emerson Network Power
135-3801-201 EMERSON-NETWORKPOWER-135-3801-201 Datasheet
619Kb / 2P
   MMCX Straight Plug Receptacle
logo
Molex Electronics Ltd.
0190370004 MOLEX4-0190370004 Datasheet
90Kb / 2P
   Krimptite??Snap Plug Receptacle
logo
Pomona Electronics
72999 POMONA-72999 Datasheet
150Kb / 1P
   SMB PLUG PANEL RECEPTACLE
logo
Molex Electronics Ltd.
0622018673 MOLEX11-0622018673 Datasheet
28Kb / 1P
   Plug and Receptacle Housing Press-In Tool for Plug and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com