Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8F1M32 Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS8F1M32
Description  1M x 32 FLASH FLASH MEMORY MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F1M32 Datasheet(HTML) 4 Page - Austin Semiconductor

  AS8F1M32 Datasheet HTML 1Page - Austin Semiconductor AS8F1M32 Datasheet HTML 2Page - Austin Semiconductor AS8F1M32 Datasheet HTML 3Page - Austin Semiconductor AS8F1M32 Datasheet HTML 4Page - Austin Semiconductor AS8F1M32 Datasheet HTML 5Page - Austin Semiconductor AS8F1M32 Datasheet HTML 6Page - Austin Semiconductor AS8F1M32 Datasheet HTML 7Page - Austin Semiconductor AS8F1M32 Datasheet HTML 8Page - Austin Semiconductor AS8F1M32 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AUSTIN SEMICONDUCTOR, INC.
FLASH
FLASH
FLASH
FLASH
FLASH
AS8F1M32
AS8F1M32
Rev. 1.5 09/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(V
CC
= 5.0V, -55°C < T
A
< +125°C)
MIN
MAX
MIN
MAX
MIN
MAX
Write Cycle Time
tAVAV
tWC
90
120
150
ns
Chip Select Setup Time
tELWL
tCS
00
0
ns
Write Enable Pulse Width
tWLWH
tWP
45
50
50
ns
Address Setup Time
tAVWL
tAS
00
0
ns
Data Setup Time
tDVWH
tDS
45
50
50
ns
Data Hold Time
tWHDX
tDH
00
0
ns
Address Hold Time
tWLAX
tAH
45
50
50
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
ns
Duration of Byte Progreamming Operation
1 t
WHWH1
300
300
300
µs
Sector Erase
2
tWHWH2
8
8
8
sec
Read Recovery Time before Write
tGHWL
00
0
µs
VCC Setup Time
tVCS
50
50
50
µs
Chip Programming Time
3
44
44
44
sec
Chip Erase Time
4
256
256
256
sec
Output Enable Hold Time
5
tOEH
10
10
10
ns
RESET\ Pulse Width
tRP
500
500
500
ns
Read Cycle Time
tAVAV
tRC
90
120
150
ns
Address Access Time
tAVQV
tACC
90
120
150
ns
Chip Select Access Time
tELQV
tCE
90
120
150
ns
Output Enable to Output Valid
tGLQV
tOE
40
50
55
ns
Chip Select High to Output High
6
tEHQZ
tDF
20
30
35
ns
Output Enable High to Output High
6
tGHQZ
tDF
20
30
35
ns
Output Hold from Adresses, CS\ or
OE\ Change, whichever is First
tAXQX
tOH
00
0
ns
RST Low to Read Mode
6
tReady
20
20
20
µs
Write Cycle Time
tAVAV
tWC
90
120
150
ns
Write Enable Setup Time
tWLEL
tWS
00
0
ns
Chip Select Pulse Width
tELEH
tCP
45
50
50
ns
Address Setup Time
tAVEL
tAS
00
0
ns
Data Setup Time
tDVEH
tDS
45
50
50
ns
Data Hold Time
tEHDX
tDH
00
0
ns
Address Hold Time
tELAX
tAH
45
50
50
ns
Chip Select Pulse Width High
tEHEL
tCPH
20
20
20
ns
Duration of Byte Progreamming Operation
1 t
WHWH1
300
300
300
µs
Sector Erase Time
2
tWHWH2
8
8
8
sec
Read Recovery Time
tGHEL
00
0
µs
Chip Programming Time
44
44
44
sec
Chip Erase Time
4
256
256
256
sec
Output Enable Hold Time
5
tOEH
10
10
10
ns
CS\ CONTROLLED (WRITE/ERASE/PROGRAM OPERATIONS)
UNITS
WE\ CONTROLLED (WRITE/ERASE/PROGRAM OPERATIONS)
READ-ONLY OPERATIONS
SYM
-90
-120
-150
PARAMETER


Similar Part No. - AS8F1M32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
389Kb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
logo
Micross Components
AS8F128K32 MICROSS-AS8F128K32 Datasheet
560Kb / 22P
   Supports Full Chip Erase
logo
Austin Semiconductor
AS8F128K32Q-120/883C AUSTIN-AS8F128K32Q-120/883C Datasheet
389Kb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32Q-120/883C AUSTIN-AS8F128K32Q-120/883C Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
More results

Similar Description - AS8F1M32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
389Kb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_07 Datasheet
296Kb / 23P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_03 Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
logo
Winbond
W45B012 WINBOND-W45B012 Datasheet
283Kb / 16P
   1M x 1 SERIAL FLASH MEMORY
logo
ATMEL Corporation
AT49LD3200 ATMEL-AT49LD3200 Datasheet
449Kb / 39P
   32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
logo
Samsung semiconductor
K9F8008W0M- SAMSUNG-K9F8008W0M- Datasheet
445Kb / 25P
   1M x 8 bit NAND Flash Memory
logo
MOSAIC
PUMA68F64006X-90 MOSAIC-PUMA68F64006X-90 Datasheet
51Kb / 4P
   2M x 32 FLASH Module
PUMA84FV256006-90 MOSAIC-PUMA84FV256006-90 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com