Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITSG3106RFK Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITSG3106RFK
Description  Straight Cylindrical Plug Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITSG3106RFK Datasheet(HTML) 1 Page - Glenair, Inc.

  ITSG3106RFK Datasheet HTML 1Page - Glenair, Inc. ITSG3106RFK Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A-98
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
ITS 3106 (A) and ITS 3106 (R)
ITS 4106 (A) and ITS 4106 (R)
Straight Cylindrical Plug Assembly
with Backshell for the Attachment of Additional Accessories
Application Notes:
1.
Straight plug with backshell for the attachment of strain relief cable clamps.
2.
Connector/Backshell Class “A” (non-environmental); Connector/Backshell Class “R” (environmental) supplied
with wire sealing grommet.
3.
Standard materials configuration consists of aluminum alloy with cadmium olive drab finish.
4.
Standard contact material consists of copper alloy with silver plating
(Gold plating available, see mod codes).
5.
A broad range of other front and rear connector accessories are available.
See our website and/or contact the factory for complete information.
6.
Standard insert material is synthetic rubber.
Add “FR” prefix to front of part number to specify fire resistant inserts.
Order Cable Clamps and
Sleeves Separately or Use
Mod Codes (Table II) to Add
Clamp to This Assembly.
IT 3057 C
Cable Clamp
IT 3420
Neoprene Sleeve
IT 3057 A
Cable Clamp
ITS G 31 06 A FK 20-27 P Y XXX
Mod Code Option (See Table II)
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Intro 20-21)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Intro 6-25)
Material Option (Omit for Aluminum)
FK - Stainless Steel Passivate
MB - Marine Bronze
Bayonet Coupling
Grounding Fingers
(Omit for Standard)
Contact Type
31 - Solder
41 - Crimp
06 - Straight Plug
Connector/Backshell Class
A - Non-Environmental; Supplied
with Backshell Only
R - Environmental; Supplied with
Backshell and Grommet
L
ØQ


Similar Part No. - ITSG3106RFK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITSG3106RSFK GLENAIR-ITSG3106RSFK Datasheet
641Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106RSMB GLENAIR-ITSG3106RSMB Datasheet
641Kb / 2P
   Straight Cylindrical Plug Assembly
More results

Similar Description - ITSG3106RFK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITSG3106GFK GLENAIR-ITSG3106GFK Datasheet
662Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106F GLENAIR-ITSG3106F Datasheet
785Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-M GLENAIR-ITS-3106-A-M Datasheet
153Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PG GLENAIR-ITS-3106-A-PG Datasheet
154Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-F GLENAIR-ITS-3106-F Datasheet
172Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106SPFK GLENAIR-ITSG3106SPFK Datasheet
308Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A GLENAIR-ITS-3106-A Datasheet
225Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PHM GLENAIR-ITS-3106-A-PHM Datasheet
209Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PHM-EMI67 GLENAIR-ITS-3106-A-PHM-EMI67 Datasheet
177Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-SP GLENAIR-ITS-3106-SP Datasheet
255Kb / 2P
   Straight Cylindrical Plug Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com