Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITSG4108SPFK Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITSG4108SPFK
Description  Cylindrical Plug Assembly with Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITSG4108SPFK Datasheet(HTML) 1 Page - Glenair, Inc.

  ITSG4108SPFK Datasheet HTML 1Page - Glenair, Inc. ITSG4108SPFK Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A-138
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
Application Notes:
1. 90° plug assembly with EMI/RFI shield termination backshell and rotating coupling nut. Cable shield is
terminated with a “braid-trap” nut. Heat-shrink tubing may also be attached for additional environmental and
Connector/Backshell Class “SP” (environmental)—Wire sealing grommet supplied.
3. Standard materials configuration consists of aluminum alloy with cadmium olive drab finish.
4. Standard contact material consists of copper alloy with silver plating
(Gold plating available, see mod codes).
5. A broad range of additional connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is synthetic rubber.
Add “FR” prefix to front of part number to specify fire resistant inserts
ITS 3108 (SP) and ITS G 3108 (SP)
ITS 4108 (SP) and ITS G 4108 (SP)
Cylindrical Plug Assembly with 90° Backshell
and EMI/RFI Shield Termination Backshell
ITS G 31 08 SP FK 20-27 P Y XXX
Mod Code Option (See Table II)
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Intro 20-21)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Intro 6-25)
Material Option (Omit for Aluminum)
FK - Stainless Steel Passivate
MB - Marine Bronze
Bayonet Coupling
Grounding Fingers
(Omit for Standard)
Contact Type
31 - Solder
41 - Crimp
08 - 90° Plug Assembly
Connector/Backshell Class
SP - Environmental; Supplied with
Grommet and EMI/RFI Backshell
L
L
L
C
Thread
ØE
ØE
ØE
ØD
ØD
ØD
ØD
ØD
ØB
ØQ
J
U


Similar Part No. - ITSG4108SPFK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITSG4108AFK GLENAIR-ITSG4108AFK Datasheet
1Mb / 2P
   Cylindrical Plug Assembly with 90 Backshell
ITSG4108AGG GLENAIR-ITSG4108AGG Datasheet
327Kb / 2P
   Plug Connector with Rubber-Coated Coupling Nut
ITSG4108AMB GLENAIR-ITSG4108AMB Datasheet
1Mb / 2P
   Cylindrical Plug Assembly with 90 Backshell
ITSG4108FFK GLENAIR-ITSG4108FFK Datasheet
898Kb / 2P
   Cylindrical Plug Assembly with Backshell
ITSG4108FMB GLENAIR-ITSG4108FMB Datasheet
898Kb / 2P
   Cylindrical Plug Assembly with Backshell
More results

Similar Description - ITSG4108SPFK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITSG3108GRFK GLENAIR-ITSG3108GRFK Datasheet
712Kb / 2P
   Cylindrical Plug Assembly with Backshell
ITSG3108FFK GLENAIR-ITSG3108FFK Datasheet
898Kb / 2P
   Cylindrical Plug Assembly with Backshell
ITSG3108AFK GLENAIR-ITSG3108AFK Datasheet
1Mb / 2P
   Cylindrical Plug Assembly with 90 Backshell
ITS-3108-A-PG GLENAIR-ITS-3108-A-PG Datasheet
287Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-PHM GLENAIR-ITS-3108-A-PHM Datasheet
226Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-F GLENAIR-ITS-3108-F Datasheet
195Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-BR GLENAIR-ITS-3108-A-BR Datasheet
561Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-M GLENAIR-ITS-3108-A-M Datasheet
159Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-ZLF GLENAIR-ITS-3108-A-ZLF Datasheet
281Kb / 2P
   Cylindrical Plug Assembly
ITS-31045-A GLENAIR-ITS-31045-A Datasheet
360Kb / 2P
   Cylindrical Plug Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com