Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S128K32 Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS8S128K32
Description  128K x 32 SRAM SRAM MEMORY ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S128K32 Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS8S128K32_05 Datasheet HTML 4Page - Austin Semiconductor AS8S128K32_05 Datasheet HTML 5Page - Austin Semiconductor AS8S128K32_05 Datasheet HTML 6Page - Austin Semiconductor AS8S128K32_05 Datasheet HTML 7Page - Austin Semiconductor AS8S128K32_05 Datasheet HTML 8Page - Austin Semiconductor AS8S128K32_05 Datasheet HTML 9Page - Austin Semiconductor AS8S128K32_05 Datasheet HTML 10Page - Austin Semiconductor AS8S128K32_05 Datasheet HTML 11Page - Austin Semiconductor AS8S128K32_05 Datasheet HTML 12Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S128K32
AS8S128K32
Rev. 4.1 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
*All measurements are in inches.
ASI Case #802 (Package Designator P & PN)
SMD 5962-93187, Case Outline 4 and 5
MIN
MAX
A
0.135
0.195
A1
0.025
0.035
φb
0.016
0.020
φb1
0.045
0.055
φb2
0.065
0.075
D
1.064
1.086
D1/E1
D2
e
L
0.145
0.155
0.600 BSC
0.100 BSC
SYMBOL
1.000 BSC
SMD SPECIFICATIONS
A
A1
L
φb
e
φb1
4 x D
D1
D2
E1
Pin 66
e
Pin 11
Pin 1
(identified by
0.060 square pad)
Pin 56
φb2


Similar Part No. - AS8S128K32_05

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS8S128K32_05

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT8R128K32 AEROFLEX-UT8R128K32 Datasheet
274Kb / 22P
   UT8R128K32 128K x 32 SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
   64K x 1 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com