Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8nvC512K32QC-45XT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS8nvC512K32QC-45XT
Description  512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8nvC512K32QC-45XT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS8nvC512K32QC-45XT Datasheet HTML 1Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 2Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 3Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 4Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 5Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 6Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 7Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 8Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AUSTIN SEMICONDUCTOR, INC.
nvSRAM
nvSRAM
nvSRAM
nvSRAM
nvSRAM
AS8nvC512K32
AS8nvC512K32
Rev. 0.0 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
ADVANCE INFORMATION
PIN ASSIGNMENT
(Top View)
68 Lead CQFP (Q)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
GND
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 16
I/O 17
I/O 18
I/O 19
I/O 20
I/O 21
I/O 22
I/O 23
GND
I/O 24
I/O 25
I/O 26
I/O 27
I/O 28
I/O 29
I/O 30
I/O 31
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
MILITARY PINOUT/BLOCK DIAGRAM
CS
CS
CS
CS
M1
M2
M3
M4
VCAP1
HSB2
Notes:
1. This pin left open if ordered with capacitors already mounted in
package.
2. HSB\ signal is wired to all 4 die in module. This can be left open if
not used.
Pin Name
I/O Type
Description
A0 – A18
Address Inputs Used to Select one of the 524,288 bytes of the nvSRAM for x8 Configuration.
A0 – A17
Address Inputs Used to Select one of the 262,144 words of the nvSRAM for x16 Configuration.
DQ0 – DQ7
DQ0 – DQ15
DQ16 DQ23
DQ24 DQ31
WE\1 4
Input
Write Enable Input, Active LOW. When selected LOW, data on the I/O pins is written to the specific
address location.
CE\1 4
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE\
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read cycles.
I/O pins are tri stated on deasserting OE HIGH.
VSS
Ground
Ground for the Device. Must be connected to the ground of the system.
VCC
Power Supply
Power Supply Inputs to the Device.
HSB\
Input/Output
Hardware Store Busy (HSB\). When LOW this output indicates that a hardware store is in progress. When
pulled LOW external to the chip it initiates a nonvolatile STORE operation. A weak internal pull up resistor
keeps this pin HIGH if not connected (connection optional). After each store operation HSB\ is driven
HIGH for short time with standard output high current.
VCAP
Power Supply
AutoStore Capacitor. Supplies power to the nvSRAM during power loss to store data from SRAM to
nonvolatile elements. (leave pin open if caps mounted on package)
NC
No Connect
No Connect. This pin is not connected to the die.
Input
Input/Output
Bidirectional Data I/O Lines for die M1 (DQ0 7), M2 (DQ8 15), M3 (DQ16 23), M4 (DQ 24 31)


Similar Part No. - AS8nvC512K32QC-45XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVLC512K32 AUSTIN-AS8NVLC512K32 Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-20XT AUSTIN-AS8nvLC512K32Q-20XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-25XT AUSTIN-AS8nvLC512K32Q-25XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-45XT AUSTIN-AS8nvLC512K32Q-45XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32QC-20XT AUSTIN-AS8nvLC512K32QC-20XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
More results

Similar Description - AS8nvC512K32QC-45XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVLC512K32 AUSTIN-AS8NVLC512K32 Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
logo
Hanbit Electronics Co.,...
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
logo
List of Unclassifed Man...
EDI8M4512C ETC1-EDI8M4512C Datasheet
67Kb / 1P
   512K X 4 SRAM CMOS HIGH SPEED MODULE
3DS16-325 ETC-3DS16-325 Datasheet
72Kb / 3P
   512K x 32 Bit High-Speed CMOS Static RAM-5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com