Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

799-015TZNUA01M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 799-015TZNUA01M
Description  Low Profile emi Backs shelll
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

799-015TZNUA01M Datasheet(HTML) 1 Page - Glenair, Inc.

  799-015TZNUA01M Datasheet HTML 1Page - Glenair, Inc. 799-015TZNUA01M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-1
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section H: Backshells and Accessories
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
799-015 LoW PRoFILE EMI BACKShELL
Attach cable braid to connector with 799-015 adapters.These adapters fit securely into
a groove on 790-024 and 790-025 cable connectors. Terminate shields with BAND-
IT® stainless steel straps. Elliptical cable entry provides room for large wire bundles.
Machined T6061 aluminum adapters consist of two interlocking housings, two fillister
head screws and two lockwashers. These lightweight, space-saving adapters are
compatible with captive screws on connector flange.This adapter is non-environmental.
Fill with potting compound to prevent water intrusion.
Component
Material
Finish
Backshell
Aluminum Alloy
See table below
Hardware
Stainless Steel
Passivated
How To Order
Sample Part Number
799-015t
M
B
02
N
02
Part Number
Shell Finish
Shell
Size
Cable Entry
Size
Band Option
Optional Height
Code
799-015t
Top Entry
799-015S
Side Entry
M
Electroless Nickel
general purpose
applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum corrosion
protection and
durability
(non-reflective grey)
ZNU
Zinc-Nickel with
Black Chromate
tactical applications
(non-reflective black)
Additional shell
finishes are listed
on page C-9.
A
B
C
D
E
F
G
H
J
K
L
D
Cable
Entry
Code
D
Shell
Size
In.
mm.
01
.140
3.56
A-L
02
.290
7.37
B-L
03
.440
11.18
C-L
04
.540
13.72
D-L
05
.690
17.53
E-L
06
.810
20.57
F-L
07 1.000 25.40
H-L
08 1.190 30.23
H-L
09 1.305 33.15
k-L
10 1.420 36.07
k-L
11 1.600 40.64
k
N
No Band Supplied
M
BAND-IT™ Micro-
Band Included. .125
(3.18) Wide.
Height
Code
E
In.
mm.
(None) .690 17.5
01
.810 20.6
02
.940 23.9
03
1.060 26.9
04
1.190 30.2
05
1.310 33.3
06
1.440 36.6
07
1.560 39.6
08
1.690 42.9
09
1.810 46.0
10
1.940 49.3
Rev. 04-July-2009
E


Similar Part No. - 799-015TZNUA01M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-011TMA01BM GLENAIR-799-011TMA01BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01BN GLENAIR-799-011TMA01BN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HM GLENAIR-799-011TMA01HM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HN GLENAIR-799-011TMA01HN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA02BM GLENAIR-799-011TMA02BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
More results

Similar Description - 799-015TZNUA01M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-011TMA01BN GLENAIR-799-011TMA01BN Datasheet
491Kb / 2P
   Standard EMI Backs hel
289T005 GLENAIR-289T005 Datasheet
1Mb / 3P
   Low-Profile EMI Backshell
440FS143XM08 GLENAIR-440FS143XM08 Datasheet
406Kb / 2P
   Composite Ultra Low Profile EMI/RFI
440HS144XM08 GLENAIR-440HS144XM08 Datasheet
396Kb / 2P
   Composite Ultra Low Profile EMI/RFI
logo
Schaffner International...
FN2500 SCHAFFNER-FN2500 Datasheet
1Mb / 6P
   Low Profile - High performance, EMC/EMI filter
07. Sep 2022
logo
Glenair, Inc.
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
logo
Hirose Electric
3110-6SA HIROSE-3110-6SA Datasheet
301Kb / 11P
   3100 SERIES LOW PROFILE CONNECTOR FOR PREVENTING EMI
logo
Schaffner International...
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com