Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

799-011TMTD02BM Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 799-011TMTD02BM
Description  Standard EMI Backs hel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

799-011TMTD02BM Datasheet(HTML) 2 Page - Glenair, Inc.

  799-011TMTD02BM Datasheet HTML 1Page - Glenair, Inc. 799-011TMTD02BM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
h-4
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section H: Backshells and Accessories
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
799-011 StANDARD EMI BACKShELL
799-011 DIMENSIoNS
Shell
Size
A Max.
B Max.
C
D
Available
Entries
In.
mm.
In .
mm.
In.
mm.
In.
mm.
A
.935 23.75
.450 11.43
.565 14.35
.300
7.62
01
B
1.085 27.56
.450 11.43
.715 18.16
.300
7.62
01 thru 02
C
1.235 31.37
.450 11.43
.865 21.97
.300
7.62
01 thru 03
D
1.335 33.91
.450 11.43
.965 24.51
.300
7.62
01 thru 04
E
1.485 37.72
.450 11.43 1.115 28.32
.300
7.62
01 thru 05
F
1.635 41.53
.450 11.43 1.265 32.13
.300
7.62
01 thru 06
G
1.585 40.26
.533 13.54 1.215 30.86
.383
9.73
01 thru 06
H
2.320 58.93
.560 14.22 1.800 45.72
.410 10.41
01 thru 08
J
1.990 50.55
.450 11.43 1.615 41.02
.300
7.62
01 thru 08
K
2.385 60.58
.450 11.43 2.015 51.18
.300
7.62
01 thru 11
L
2.556 64.92
.560 14.22 2.036 51.71
.410 10.41
01 thru 10
A MAX
A MAX
C
C
E
E
HEIGHT
HEIGHT
.42 (10.7)
.42 (10.7)
.40 (10.7)
B D
B
D
QWIK-TY
(OPTIONAL)
EXTENDED
JACKSCREW
CODE E
FILLISTER HEAD
CODE B
2-56 (SIZES A-G, J & K)
4-40 (SIZES H & L)
FEMALE
JACKOPOST
CODE F
SOCKET HEAD
CODE H
STYLE T - TOP ENTRY
STYLE S - SIDE ENTRY
ENtRY SIzE
E
Available
Sizes
Code In.
mm.
01
.300 7.62 A thru L
02
.450 11.43 B thru L
03
.600 15.24 C thru L
04
.700 17.78 D thru L
05
.850 21.59 E thru L
06
.965 24.51 F thru L
07
1.155 29.34 H thru L
08
1.345 34.16 H thru L
09
1.460 37.08 k, L
10
1.581 40.16 k, L
11
1.760 44.70 k
Rev. 04-July-2009


Similar Part No. - 799-011TMTD02BM

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
799-012 ALPHAWIRE-799-012 Datasheet
114Kb / 2P
   AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
logo
Glenair, Inc.
799-015TMA01M GLENAIR-799-015TMA01M Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
799-015TMA01N GLENAIR-799-015TMA01N Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
799-015TMA02M GLENAIR-799-015TMA02M Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
799-015TMA02N GLENAIR-799-015TMA02N Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
More results

Similar Description - 799-011TMTD02BM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-015TMA01N GLENAIR-799-015TMA01N Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
logo
Honeywell Accelerometer...
HEL-775-A-T-0 HONEYWELL-ACC-HEL-775-A-T-0 Datasheet
136Kb / 3P
   Temperature Sensors HEL-775 Series
logo
Glenair, Inc.
440AH074NF08 GLENAIR-440AH074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Standard Profile
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
440AH073NF08 GLENAIR-440AH073NF08 Datasheet
68Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Standard Profile
logo
Ferroxcube Internationa...
F01_2012 FERROXCUBE-F01_2012 Datasheet
249Kb / 1P
   Ferroxfoil EMI absorber cancelled from Ferroxcube?셲 standard range
logo
Glenair, Inc.
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AH001M08 GLENAIR-440AH001M08 Datasheet
60Kb / 2P
   EMI/RFI Crimp Ring Adapter Direct Coupling - Standard Profile
440AH070NF08 GLENAIR-440AH070NF08 Datasheet
74Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Standard Profile
440AH071NF08 GLENAIR-440AH071NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com