Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

799-016TMTB02M Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 799-016TMTB02M
Description  EMI BACKSHELL FOR PANEL MOUNT CONECTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

799-016TMTB02M Datasheet(HTML) 2 Page - Glenair, Inc.

  799-016TMTB02M Datasheet HTML 1Page - Glenair, Inc. 799-016TMTB02M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-6
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section H: Backshells and Accessories
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
799-016 StYLE t - toP ENtRY
799-016 StYLE S - SIDE ENtRY
799-016 StYLE E - 45° ENtRY
HEIGHT
.79 (20.1)
REF
.320
(8.13)
2-56 (SIZES A-G, J & K)
4-40 (SIZES H & L)
A
C
E
B
D
HEIGHT
.79 (20.1)
REF
A
C
E
.320
(8.13)
B
D
A MAX
C
D
HEIGHT
.42 (10.7)
.40 (10.7)
B C
HEIGHT
.79 (20.1)
REF
HEIGHT
.79 (20.1)
REF
HEIGHT
.79 (20.1)
REF
.320 (8.13)
2-56 (SIZES A-G, J & K)
4-40 (SIZES L & K)
A
C
E
A
F
C
E
A
C
E
B
D
B
D
.320
(8.13)
B
D
799-016 DIMENSIoNS
Shell
Size
A Max.
B Max.
C
D
F
Max. Entry
Size
In.
mm.
In .
mm.
In.
mm.
In.
mm.
In.
mm.
A
.760 19.30
.308
7.82
.565 14.35
.190
4.83
.59
15.0
01
B
.910 23.11
.308
7.82
.715 18.16
.190
4.83
.59
15.0
02
C
1.060 26.92
.308
7.82
.865 21.97
.190
4.83
.59
15.0
03
D
1.160 29.46
.308
7.82
.965 24.51
.190
4.83
.59
15.0
04
E
1.310 33.27
.308
7.82 1.115 28.32
.190
4.83
.59
15.0
05
F
1.460 36.83
.308
7.82 1.265 32.13
.190
4.83
.59
15.0
06
G
1.410 35.81
.395 10.03 1.215 30.86
.275
6.99
.68
17.3
06
H
2.045 51.94
.410 10.41 1.800 45.72
.300
7.62
.70
17.8
08
J
1.810 45.97
.308
7.82 1.615 41.02
.190
4.83
.59
15.0
08
K
2.210 56.13
.308
7.82 2.015 51.18
.190
4.83
.59
15.0
11
L
2.281 57.94
.410 10.41 2.036 51.71
.300
7.62
.70
17.8
10
ENtRY SIzE
E
Available
Sizes
Code In.
mm.
01
.255 6.48 A thru L
02
.405 10.29 B thru L
03
.555 14.10 C thru L
04
.655 16.64 D thru L
05
.805 20.45 E thru L
06
.920 23.37 F thru L
07
1.110 28.19 H thru L
08
1.300 33.02 H thru L
09
1.415 35.94 k, L
10
1.535 38.99 k, L
11
1.715 43.56 k
Rev. 04-July-2009


Similar Part No. - 799-016TMTB02M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-011TMA01BM GLENAIR-799-011TMA01BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01BN GLENAIR-799-011TMA01BN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HM GLENAIR-799-011TMA01HM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HN GLENAIR-799-011TMA01HN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA02BM GLENAIR-799-011TMA02BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
More results

Similar Description - 799-016TMTB02M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
   EMI/RFI Backshell
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
   EMI/RFI Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
IPT00A18-11SZC GLENAIR-IPT00A18-11SZC Datasheet
222Kb / 2P
   Front Panel Mount Square Flange Receptacle with Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
IPT07MSE18-11SZ GLENAIR-IPT07MSE18-11SZ Datasheet
222Kb / 2P
   Rear Panel Mount Jam Nut Receptacle with Backshell
470H GLENAIR-470H Datasheet
151Kb / 2P
   EMI/RFI StarShield Backshell
557T387M GLENAIR-557T387M Datasheet
127Kb / 2P
   EMI/RFI Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com