Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS28F128J3M Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS28F128J3M
Description  Plastic Encapsulated Microcircuit 128Mb, x8 and x16 Q-FLASH Memory Even Sectored, Single Bit per Cell Architecture
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28F128J3M Datasheet(HTML) 1 Page - Austin Semiconductor

  AS28F128J3M Datasheet HTML 1Page - Austin Semiconductor AS28F128J3M Datasheet HTML 2Page - Austin Semiconductor AS28F128J3M Datasheet HTML 3Page - Austin Semiconductor AS28F128J3M Datasheet HTML 4Page - Austin Semiconductor AS28F128J3M Datasheet HTML 5Page - Austin Semiconductor AS28F128J3M Datasheet HTML 6Page - Austin Semiconductor AS28F128J3M Datasheet HTML 7Page - Austin Semiconductor AS28F128J3M Datasheet HTML 8Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AS28F128J3MRG
Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification
Revision 5.0 11/23/04
For Additional Products and Information visit out Web site at
www.austinsemiconductor.com
1
PEM
AS28F128J3M
Austin Semiconductor, Inc.
Q-Flash
A22
CE1
A21
A18
A17
A16
VCC
A10
A9
A7
A6
A5
A4
A1
A13
A12
WE\
OE\
DQ7
DQ14
DQ6
VSS
DQ12
DQ4
DQ10
DQ2
DQ1
DQ8
DQ0
A0
CE2
NC
STS
DQ5
VCC
A23
DQ15
DQ13
DQ9
BYTE\
VCCQ
DQ11
VSS
A20
A14
A8
A2
A19
A15
VSS
A3
1
2
3
4
5
6
7
8
9
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
DQ3
28
27
26
25
24
23
CE0
RP\
VPEN
A11
22
21
20
19
18
17
16
15
14
13
12
10
11
Plastic Encapsulated Microcircuit
128Mb, x8 and x16 Q-FLASH Memory
Even Sectored, Single Bit per Cell Architecture
Features
100% Pin and Function compatible to Intel’s MLC Family
NOR Cell Architecture
2.7V to 3.6V VCC
2.7V to 3.6V or 5V VPEN (Programming Voltage)
Asynchronous Page Mode Reads
Manufacturer’s ID Code:
! MT28F128J3MRG
Micron
0x2Ch
Industry Standard Pin-Out
Fully compatible TTL Input and Outputs
Common Flash Interface [CFI]
Scalable Command Set
Automatic WRITE and ERASE Algorithms
5.6us per Byte effective programming time
128 bit protection register
! 64-bit unique device identifier
! 64-bit user programmable OTP cells
Enhanced data protection feature with use of VPEN=VSS
Security OTP block feature
100,000 ERASE cycles per BLOCK
Automatic Suspend Options:
! Block ERASE SUSPEND-to-READ
! Block ERASE SUSPEND-to-PROGRAM
! PROGRAM SUSPEND-to-READ
Available Operating Ranges:
! Enhanced
[-ET]-40
oC to +105oC
! Mil-Temperature [-XT]-55oC to +125oC
For in-depth functional product detail and Timing Diagrams,
please reference Micron’s full product Datasheet:
MT28F640J3
Rev. L Dated 04/16/04
General Description
ASI’s, AS28F128J3M Enhanced or Mil-Temp variant of Micron’s
Q-Flash family of devices, is a nonvolatile, electrically block-
erasable (FLASH), programmable memory device manufactured
using Micron’s 0.15um process technology.
This device
containing 134,217,728 bits organized as either 16,777,218 (x8)
or 8,388,608 bytes (x16). The device is uniformly sectored with
one hundred and twenty eight 128KB ERASE blocks.
This device features in-system block locking. They also have a
Common FLASH Interface [CFI] that permits software algorithms
to be used for entire families of devices. The software is device-
independent, JEDEC ID-independent with forward and backward
compatibility.
A
B
C
D
E
F
G
H
1
23
4
5
6
78
A1
A2
A3
A4
A6
A8
A7
A5
A10
A11
A12
A13
A14
A15
VPEN
CE0
VSS
A9
RP\
DNU
DNU
DNU
DNU
DNU
DNU
DNU
CE2
A18
A19
A20
A16
A17
A21
A22
CE1
VCC
A25
DQ4
DQ3
DQ9
DQ1
DQ8
DQ15
STS
BYTE\
DQ0
DQ10
DQ11
DQ12
OE\
A23
A0
DQ2
VCCQ
DQ5
DQ6
DQ14
WE\
VSS
VCC
DQ13
VSS
DQ7
A24
PIN ASSIGNMENT
64-Ball FBGA


Similar Part No. - AS28F128J3M

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS28F128J3A MICROSS-AS28F128J3A Datasheet
1Mb / 15P
   NOR Cell Architecture
More results

Similar Description - AS28F128J3M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL10 SHARP-LH28F800BJB-PTTL10 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com