Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

799-018ZNUCMBU Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 799-018ZNUCMBU
Description  METAL PROTECTIVE COVERS FOR MICRO-CRIMP CONNECTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

799-018ZNUCMBU Datasheet(HTML) 1 Page - Glenair, Inc.

  799-018ZNUCMBU Datasheet HTML 1Page - Glenair, Inc. 799-018ZNUCMBU Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
h-7
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section H: Backshells and Accessories
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
799-018 & 799-019 MEtAL PRotECtIvE CovERS FoR MICRo-CRIMP CoNNECtoRS
How To Order
Sample Part Number
799-018
E
E
MB
N
6
-04
Part Number Shell Finish
Shell
Size
Jackscrew
Option
Lanyard Type
Attachment
Length in
Inches
Attachment Code
799-018
Plug Cover
799-019
Receptacle
Cover
M
Electroless
Nickel
general purpose
applications
MT
Nickel-PTFE
1000 Hour
Grey™
maximum
corrosion
protection and
durability
(non-reflective
grey)
ZNU
Zinc-Nickel
with Black
Chromate
tactical
applications
(non-reflective
black)
Additional
shell finishes
are listed on
page C-9.
A
B
C
D
E
F
G
H
J
K
L
MB
Slotted
Fillister Head
Jackscrew
MH
Hex Socket
Head
Jackscrew
MF
Female
Jackpost
N
No Attachment
G
Nylon Rope
H
Stainless Steel
Rope, Teflon
jacket
U
Stainless
Steel Rope,
Polyurethane
jacket
T
Stainless Steel
Rope, No
Jacket
SK
Nylon Rope
with Slip knot
Omit for
Attachment
Type
N (no
attachment)
Example
"6" equals six
inch length
Omit for attachment Types
N (No
Attachment) and
SK (Slip knot)
Small Ring
01 – .126 (3.20) I.D.
02 – .145 (3.68) I.D.
04 – .188 (4.78) I.D.
06 – .197 (5.00) I.D.
Large Ring
14 – .385 (9.78) I.D.
15 – .445 (11.30) I.D.
16 – .570 (14.48) I.D.
17 – .635 (16.13) I.D.
18 – .695 (17.65) I.D.
19 – .885 (22.48) I.D.
20 – 1.070 (27.17) I.D.
Split Ring
50 – .420 (10.67) I.D.
52 – .480 (12.19) I.D.
54 – .635 (16.13) I.D.
56 – .745 (18.92) I.D.
58 – .885 (22.48) I.D.
60 – 1.010 (25.65) I.D.
64 – 1.125 (28.58) I.D.
68 – 1.345 (34.16) I.D.
Protect Connectors From
Damage – Machined aluminum
covers prevent ingress of water and
contamination. Plug covers provide
metal-to-metal bottoming for EMI
protection. Receptacle covers feature
conductive fluorosilicone gaskets.
Stainless Steel Fittings and Rings
Choose small diameter eye fittings
for panel attachment. Larger rings fit
over cable jackets. Split rings can be
installed on fully assembled cables.
Polyurethane-Coated SST Wire
Rope offers high strength, excellent
abrasion resistance and good
flexibility. Or, choose Teflon® jacket for
high temperature exposure.
Braided Nylon Rope provides
excellent flexibility and good abrasion
resistance, and can be ordered with
slip knot fittings for easy installation on
any size cable.
Rev. 04-July-2009


Similar Part No. - 799-018ZNUCMBU

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-011TMA01BM GLENAIR-799-011TMA01BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01BN GLENAIR-799-011TMA01BN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HM GLENAIR-799-011TMA01HM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HN GLENAIR-799-011TMA01HN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA02BM GLENAIR-799-011TMA02BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
More results

Similar Description - 799-018ZNUCMBU

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-023M15S GLENAIR-660-023M15S Datasheet
146Kb / 2P
   Metal Protective Covers
500-017C09MBN4-06 GLENAIR-500-017C09MBN4-06_11 Datasheet
248Kb / 2P
   Metal Protective Covers
667-347 GLENAIR-667-347 Datasheet
159Kb / 1P
   Metal Protective Covers
290-016 GLENAIR-290-016 Datasheet
82Kb / 2P
   Metal Plug Protective Covers
290-009 GLENAIR-290-009 Datasheet
78Kb / 1P
   Metal Plug Protective Covers
290-010 GLENAIR-290-010 Datasheet
85Kb / 1P
   Metal Receptacle Protective Covers
500-017C09MBN4-06 GLENAIR-500-017C09MBN4-06 Datasheet
311Kb / 2P
   Micro-D Accessories Metal Protective Covers 500-017 & 500-037
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
   Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
   Protective Covers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com