Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24758-16C04 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # M24758-16C04
Description  Adapter for Miscellaneous Fittings
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-16C04 Datasheet(HTML) 2 Page - Glenair, Inc.

  M24758-16C04 Datasheet HTML 1Page - Glenair, Inc. M24758-16C04 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
33
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2007 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
MIL-PRF-24758-16
Adapter for Miscellaneous Fittings
TABLE I
CONDUIT
SIZE CODE
C
CLASS - 2A
THREAD
L
+.03 (.76)
-.00
K
DIA
MIN
A
.438-28 UNEF
.21 (5.25)
.245 (6.22)
B
.688-24 UNEF
.25 (6.35)
.495 (12.57)
C
.938-20 UNEF
.31 (7.87)
.745 (18.92)
D
1.250-18 UNEF
.37 (9.40)
.995 (25.27)
E
1.563-18 UNEF
.37 (9.40)
1.245 (31.62)
F
1.875-16 UN
.43 (10.92)
1.495 (37.97)
G
2.375-16 UN
.43 (10.92)
1.995 (50.67)
H
2.875-16 UN
.43 (10.92)
2.495 (63.37)
J
.563-24 UNEF
.25 (6.35)
.370 (9.40)
K
.813-20 UNEF
.31 (7.87)
.620 (15.75)
L
3.375-16 UN
.43 (10.92)
2.995 (76.07)
TABLE II
A
THREAD
CODE
A
CLASS - 2A
THREAD
D
DIM
MAX
E
DIA
+ .005 (.13)
H
DIM
+ .02 (.51)
MAX
CONDUIT
SIZE
01
1.125-14 N
1.625 (41.28)
.500 (12.70)
1.250 (31.75)
B
03
1.280-14 N
1.750 (44.45)
.750 (19.05)
1.250 (31.75)
C
04
.750-14 NPSM
1.500 (38.10)
.750 (19.05)
1.250 (31.75)
C
06
1.000-11 1/2 NPSM
1.750 (44.45)
1.000 (25.40)
1.250 (31.75)
D
07
1.250-11 1/2 NPSM
2.000 (50.80)
1.000 (25.40)
1.250 (31.75)
D
09
1.250-11 1/2 NPSM
2.000 (50.80)
1.180 (29.97)
1.250 (31.75)
E
10
2.025-11 1/2 N
2.875 (73.03)
1.250 (31.75)
1.560 (39.62)
E
13
2.250-11 1/2 N
3.250 (82.55)
1.500 (38.10)
1.690 (42.93)
F
16
2.500-8 NPSM
3.500 (88.90)
2.000 (50.80)
2.000 (50.80)
G
19
3.000-8 NPSM
4.000 (101.60)
2.500 (63.50)
2.060 (25.32)
H
20
1.500-11 1/2 NPSM
2.500 (63.50)
1.500 (38.10)
1.250 (31.75)
F
21
2.000-11 1/2 NPSM
3.000 (76.20)
2.000 (50.80)
1.250 (31.75)
G


Similar Part No. - M24758-16C04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-01 GLENAIR-M24758-16-01 Datasheet
122Kb / 2P
   Adapter
M24758-16-02 GLENAIR-M24758-16-02 Datasheet
122Kb / 2P
   Adapter
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16-02-03 GLENAIR-M24758-16-02-03 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16-02-04 GLENAIR-M24758-16-02-04 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
More results

Similar Description - M24758-16C04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-29B01 GLENAIR-M24758-29B01 Datasheet
190Kb / 2P
   Adapter for Miscellaneous Termination
logo
List of Unclassifed Man...
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
Fair-Rite Products Corp...
2643175451 FAIR-RITE-2643175451 Datasheet
606Kb / 2P
   Miscellaneous Suppression Cores
logo
Schneider Electric
VRKP4YYYYY00011 SCHNEIDER-VRKP4YYYYY00011 Datasheet
108Kb / 2P
   Miscellaneous fastener for the telescopic axis
Apr 20, 2022
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Fair-Rite Products Corp...
2643165151 FAIR-RITE-2643165151 Datasheet
608Kb / 2P
   Miscellaneous Suppression Cores
logo
List of Unclassifed Man...
S44238 ETC2-S44238 Datasheet
58Kb / 2P
   Miscellaneous Communications Products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com