Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-12JI Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS27C256-12JI
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-12JI Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS27C256-12JI Datasheet HTML 3Page - Austin Semiconductor AS27C256-12JI Datasheet HTML 4Page - Austin Semiconductor AS27C256-12JI Datasheet HTML 5Page - Austin Semiconductor AS27C256-12JI Datasheet HTML 6Page - Austin Semiconductor AS27C256-12JI Datasheet HTML 7Page - Austin Semiconductor AS27C256-12JI Datasheet HTML 8Page - Austin Semiconductor AS27C256-12JI Datasheet HTML 9Page - Austin Semiconductor AS27C256-12JI Datasheet HTML 10Page - Austin Semiconductor AS27C256-12JI Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Austin Semiconductor, Inc.
NOTES:
1.Timing measurements are made at 2V for logic high and 0.8V for logic low (see figure 2).
2. Common test conditions apply for t
dis
except during programming.
3. Value calculated from 0.5V delta to measured output level. This parameter is only sampled and not 100% tested.
SWITCHING CHARACTERISTICS FOR PROGRAMMING: V
CC = 6.5V and VPP = 12.75V (AMD
FLASHRITE ALGO), T
A = 25°C
CAPACITANCE OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE AND OPERAT-
ING FREE-AIR TEMPERATURE, f = 1MHz*
* Capacitance measurements are made on a sample basis only.
** Typical values are at T
A
= 25°C and nominal voltages.
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY VOLT-
AGE AND OPERATING FREE-AIR TEMPERATURE1,2
TEST CONDITIONS
TYP**
MAX
UNIT
Ci
Input capacitance
VI = 0V
610
pF
Co
Output capacitance
VO = 0V
10
14
pF
PARAMETER
MIN MAX MIN MAX
ta(A)
Access time from address
120
150
ns
ta(E)
Access time from E\
120
150
ns
ten(G)R Output enable time from G\
40
50
ns
tdis
Disable time of output from G\ or E\,
whichever occurs first
3
0
30
0
30
ns
tv(A)
Output data valid time after change of
address, E\, or G\, whichever occurs first
3
00
ns
PARAMETER
-12
see Figure 2
-15
UNIT
TEST
CONDITIONS
1, 2
MIN MAX MIN MAX MIN MAX
ta(A)
Access time from address
170
200
250
ns
ta(E)
Access time from E\
170
200
250
ns
ten(G)R Output enable time from G\
50
60
60
ns
tdis
Disable time of output from G\ or E\,
whichever occurs first
3
040
0
50
060
ns
tv(A)
Output data valid time after change of
address, E\, or G\, whichever occurs first
3
000
ns
see Figure 2
-25
UNIT
TEST
CONDITIONS
1, 2
PARAMETER
-17
-20
MIN
MAX
UNIT
tdis(G) Output disable time from G\
0
130
ns
ten(G)W Output enable time from G\
150
ns
PARAMETER


Similar Part No. - AS27C256-12JI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C256-12JI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com