Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

799-011TMA02HM Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 799-011TMA02HM
Description  Standard EMI Backs hel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

799-011TMA02HM Datasheet(HTML) 1 Page - Glenair, Inc.

  799-011TMA02HM Datasheet HTML 1Page - Glenair, Inc. 799-011TMA02HM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-3
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section H: Backshells and Accessories
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
799-011 StANDARD EMI BACKShELL
Terminate shield braid and strain relieve wire bundles with standard EMI backshells.These
backshellsfit790-024Pand790-025Scableconnectors.Theseone-piecebackshellsattach
to connector with stainless steel clips. Terminate shields with BAND-IT™ stainless steel
straps. Elliptical cable entry provides room for large wire bundles.These machinedT6061
aluminum backshells are supplied with two clips and mating hardware.
Component
Material
Finish
Backshell
Aluminum Alloy
See table below
Hardware
Stainless Steel
Passivated
How To Order
Sample Part Number
799-011t
M
C
03
B
N
T
06
Part
Number
Shell Finish
Shell
Size
Cable Entry
Size
Mating
Hardware
Band Option
Qwik-Ty
Option
Height Code
799-011t
Top Entry
799-011S
Side Entry
M
Electroless
Nickel
general purpose
applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum
corrosion
protection and
durability
(non-reflective
grey)
ZNU
Zinc-Nickel with
Black Chromate
tactical
applications (non-
reflective black)
Additional shell
finishes are
listed on page
C-9.
A
B
C
D
E
F
G
H
J
K
L
E
Cable
Entry
Code
E
(In.)
Shell
Size
01
.300 A-L
02
.450 B-L
03
.600 C-L
04
.700 D-L
05
.850 E-L
06
.965 F-L
07 1.155 H-L
08 1.345 H-L
09 1.460 k-L
10 1.580 k-L
11 1.760 k
B
Fillister Head
Jackscrews
H
Hex Socket
Head
Jackscrews
E
Extended
Slotted Head
Jackscrew
F
Female
Jackpost
N
No Band
Supplied
M
BAND-IT™
Micro-Band
Included. .125
(3.18) Wide.
B
BAND-IT™
Standard
Band
Included. .250
(6.35) Wide.
N
No Qwik-Ty
T
Qwik-Ty
Option
Included
Qwik-Ty
Top Entry
HEIGHT
Height
Code
Length
(In.)
06
.750
07
.875
08
1.000
09
1.125
10
1.250
Side Entry
HEIGHT
Height
Code
Length
(In.)
08
1.000
09
1.125
10
1.250
Rev. 04-July-2009


Similar Part No. - 799-011TMA02HM

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
799-012 ALPHAWIRE-799-012 Datasheet
114Kb / 2P
   AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
logo
Glenair, Inc.
799-015TMA01M GLENAIR-799-015TMA01M Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
799-015TMA01N GLENAIR-799-015TMA01N Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
799-015TMA02M GLENAIR-799-015TMA02M Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
799-015TMA02N GLENAIR-799-015TMA02N Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
More results

Similar Description - 799-011TMA02HM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-015TMA01N GLENAIR-799-015TMA01N Datasheet
465Kb / 2P
   Low Profile emi Backs shelll
logo
Honeywell Accelerometer...
HEL-775-A-T-0 HONEYWELL-ACC-HEL-775-A-T-0 Datasheet
136Kb / 3P
   Temperature Sensors HEL-775 Series
logo
Glenair, Inc.
440AH074NF08 GLENAIR-440AH074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Standard Profile
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
440AH073NF08 GLENAIR-440AH073NF08 Datasheet
68Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Standard Profile
logo
Ferroxcube Internationa...
F01_2012 FERROXCUBE-F01_2012 Datasheet
249Kb / 1P
   Ferroxfoil EMI absorber cancelled from Ferroxcube?셲 standard range
logo
Glenair, Inc.
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AH001M08 GLENAIR-440AH001M08 Datasheet
60Kb / 2P
   EMI/RFI Crimp Ring Adapter Direct Coupling - Standard Profile
440AH070NF08 GLENAIR-440AH070NF08 Datasheet
74Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Standard Profile
440AH071NF08 GLENAIR-440AH071NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com