Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-90ECAI Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS27C256-90ECAI
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-90ECAI Datasheet(HTML) 2 Page - Austin Semiconductor

  AS27C256-90ECAI Datasheet HTML 1Page - Austin Semiconductor AS27C256-90ECAI Datasheet HTML 2Page - Austin Semiconductor AS27C256-90ECAI Datasheet HTML 3Page - Austin Semiconductor AS27C256-90ECAI Datasheet HTML 4Page - Austin Semiconductor AS27C256-90ECAI Datasheet HTML 5Page - Austin Semiconductor AS27C256-90ECAI Datasheet HTML 6Page - Austin Semiconductor AS27C256-90ECAI Datasheet HTML 7Page - Austin Semiconductor AS27C256-90ECAI Datasheet HTML 8Page - Austin Semiconductor AS27C256-90ECAI Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
GENERAL DESCRIPTION
The AS27C256 series is a set of 262,144 bit, ultraviolet-light
erasable, electrically programmable read-only
memories.
These devices are fabricated using power-saving CMOS tech-
nology for high speed and simple interface with MOS and bipo-
lar circuits. All inputs (including program data inputs) can be
driven by Series 54 TTL circuits without the use of external
pullup resistors. Each output can drive one Series 54 TTL
circuit without external resistors. The data outputs are 3-state
for connecting multiple devices to a
common bus. The
AS27C256 is pin-compatible with 28-pin 256K ROMs and
EPROMs. It is offered in a 600mil dual-in-line ceramic package
(J suffix) and a 450 x 550 mil ceramic LCC (ECA suffix) rated for
operation from -55°C to 125°C.
Because this EPROM operates from a single 5V supply (in
the read mode), it is ideal for use in microprocessor-based sys-
tems. One other supply (12.75V) is needed for programming.
All programming signals are TTL level. This device is
pro-
grammable by the AMD FLASHRITE Pulse programming algo-
rithm. The FLASHRITE Pulse programming algorithm uses a
V
PP
of 12.75VV and a V
CC
of 6.25V for a nominal programming
time of four seconds. For programming outside the system,
existing EPROM programmers can be used. Locations can be
programmed singly, in blocks, or at random.
FUNCTIONAL BLOCK DIAGRAM*
* This symbol is in accordance with ANSI/IEEE std 91-1984 and IEC Publication 617-12.
A0
A1
A2
A3
A4
A5
DQ0
A6
DQ1
A7
DQ2
A8
DQ3
A9
DQ4
A10
DQ5
A11
DQ6
A12
DQ7
A13
A14
E\
G\
&
10
[PWR DWN]
9
8
7
6
5
4
3
25
24
21
23
2
26
27
20
22
EN
A
A
A
A
A
A
A
A
11
12
13
15
16
17
18
19
EPROM 32,768 x 8
0
14
A
0
32,767


Similar Part No. - AS27C256-90ECAI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C256-90ECAI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com