Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS28C010CW-25 Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS28C010CW-25
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010CW-25 Datasheet(HTML) 5 Page - Austin Semiconductor

  AS28C010CW-25 Datasheet HTML 1Page - Austin Semiconductor AS28C010CW-25 Datasheet HTML 2Page - Austin Semiconductor AS28C010CW-25 Datasheet HTML 3Page - Austin Semiconductor AS28C010CW-25 Datasheet HTML 4Page - Austin Semiconductor AS28C010CW-25 Datasheet HTML 5Page - Austin Semiconductor AS28C010CW-25 Datasheet HTML 6Page - Austin Semiconductor AS28C010CW-25 Datasheet HTML 7Page - Austin Semiconductor AS28C010CW-25 Datasheet HTML 8Page - Austin Semiconductor AS28C010CW-25 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
MODE SELECTION
MODE
CE\
OE\
WE\
I/O
READ
VIL
VIL
VIH
DOUT
STANDBY
VIH
X
X
High-Z
WRITE
VIL
VIH
VIL
DIN
DESELECT
VIL
VIH
VIH
High-Z
XX
VIH
---
X
VIL
X
---
DATA
POLLING
VIL
VIL
VIH
Data Out
(I/O7)
WRITE
INHIBIT
Parameter
Min.
Max.
Units
Endurance
10,000
Cycles Per Byte
Endurance
100,000
Cycles Per Page
Data Retention
100
Years
ENDURANCE AND DATA RETENTION
Symbol
Parameter
Max.
Units
tPUR
(2)
Power-up to Read Operation
100
s
tPUW
(2)
Power-up to Write Operation
5
ms
POWER-UP TIMING
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input and Output Timing Levels
1.5V
A.C. CONDITIONS OF TEST
CAPACITANCE T
A=+25
oC, f= 1MHZ, V
CC=5V
PARAMETER
SYMBOL
MAX
UNITS
Test Conditions
Input Capacitance
CIN
(2)
10
pF
VIN=0V
Input / Output Capactiance
CI/O
(2)
10
pF
VI/O=0V
EQUIVALENT A.C. LOAD CURRENT
SYMBOL TABLE
Notes: (2) This parameter is periodically sampled and not 100% tested.


Similar Part No. - AS28C010CW-25

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
   Hardware Data Protection
More results

Similar Description - AS28C010CW-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS58C1001 AUSTIN-AS58C1001_02 Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001_08 Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com