Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS31030R Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITS31030R
Description  Rear Panel Mount Square Flange Receptacle Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS31030R Datasheet(HTML) 2 Page - Glenair, Inc.

  ITS31030R Datasheet HTML 1Page - Glenair, Inc. ITS31030R Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A-65
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
ØA
K
L
M
R
S
+0
+0.2
She ll Size
-0.1
-0
T T hre a d
V T hre a d
10 SL
18.2
2.8
49.0
18.5
18.25
25.4
M4
0.6250 - 24UNEF
14 S
24.5
3.3
51.5
18.5
23.00
30.4
M4
0.7500 - 20UNEF
16 S
27.2
3.3
51.5
18.5
24.60
32.5
M4
0.8750 - 20UNEF
16
27.2
3.3
63.0
23.2
24.60
32.5
M4
0.8750 - 20UNEF
18
30.7
4.0
63.0
23.2
27.00
35.0
M4
1.0000 - 20UNEF
20
34.0
4.0
63.0
23.2
29.40
38.0
M4
1.1875 - 18UNEF
22
37.3
4.0
63.0
23.2
31.75
41.0
M4
1.1875 - 18UNEF
24
40.9
4.0
64.5
23.2
34.90
44.5
M4
1.4375 - 18UNEF
28
46.7
4.0
71.0
24.4
39.70
50.9
M5
1.4375 - 18UNEF
32
53.4
4.0
76.5
24.2
44.45
57.0
M5
1.7500 - 18UNS
36
59.6
4.0
82.0
24.2
49.20
63.5
M5
2.0000 - 18UNS
40
65.5
4.0
82.0
24.4
55.55
69.9
M5
2.2500 - 16UN
±0.1
±0.2
Ma x.
+0.2
TABLE I: DIMENSIONS
ITS 31030 (A) and ITS 41030 (R)
Rear Panel Mount Square Flange Receptacle Assembly
with Backshell for the Attachment of Additional Accessories
TABLE II: MODIFICATION CODES
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for Standard Version (Silver Plated)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
Omit for Standard Version (Cad/Olive Drab)
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
ACCESSORY OPTIONS
N0
Connector less backshell
N1
Connector with IT 3057 A cable clamp
N2
Connector with long backshell
N4
Connector with front O-Ring
N5
Connector with IT 3057 C cable clamp
N12 Connector with IT 3057 A cable clamp
and IT 3420 neoprene sleeve
Omit for Standard Version


Similar Part No. - ITS31030R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS31030RS GLENAIR-ITS31030RS Datasheet
793Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
More results

Similar Description - ITS31030R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS31038A GLENAIR-ITS31038A Datasheet
916Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-RS GLENAIR-ITS-31030-RS Datasheet
168Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-SP GLENAIR-ITS-31030-SP Datasheet
305Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030G GLENAIR-ITS31030G Datasheet
771Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A GLENAIR-ITS-31030-A Datasheet
305Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-PG GLENAIR-ITS-31030-A-PG Datasheet
165Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-PHM-EMI67 GLENAIR-ITS-31030-A-PHM-EMI67 Datasheet
175Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31038-A GLENAIR-ITS-31038-A Datasheet
188Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-GR GLENAIR-ITS-31030-GR Datasheet
352Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-G GLENAIR-ITS-31030-G Datasheet
343Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com