Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS31038A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITS31038A
Description  Rear Panel Mount Square Flange Receptacle Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS31038A Datasheet(HTML) 1 Page - Glenair, Inc.

  ITS31038A Datasheet HTML 1Page - Glenair, Inc. ITS31038A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A-88
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
Application Notes:
1.
Rear panel mount square flange receptacle with 90° backshell. Threaded mounting holes.
2.
Connector/Backshell Class “A” (non-environmental); Class “R” (environmental) supplied with grommet.
3.
Standard materials configuration consists of aluminum alloy with cadmium olive drab finish.
4.
Standard contact material consists of copper alloy with silver plating (Gold plating available, see mod codes).
5.
A broad range of additional connector accessories are available.
See our website and/or contact the factory for complete information.
6.
Standard insert material is synthetic rubber.
Add “FR” prefix to front of part number to specify fire resistant inserts.
ITS 31038 (A) and ITS 31038 (R)
ITS 41038 (A) and ITS 41038 (R)
Rear Panel Mount Square Flange Receptacle Assembly
with 90° Backshell for the Attachment of Additional Accessories
ITS 31 038 A FK 20-27 P Y XXX
Mod Code Option (See Table II)
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Intro 20-21)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Intro 6-25)
Material Option (Omit for Aluminum)
FK - Stainless Steel Passivate
MB - Marine Bronze
Bayonet Coupling
Contact Type
31 - Solder
41 - Crimp
038 - Rear Wall Mount
with 90° Backshell
Connector/Backshell Class
A - Non-Environmental; Supplied with
90° Backshell Only
R - Environmental; Supplied with
90° Backshell and Grommet
IT 3057 C
Cable Clamp
IT 3420
Neoprene Sleeve
IT 3057 A
Cable Clamp
q
S
q
R
T
MK
L
Fil. F
Order Cable Clamps and
Sleeves Separately or Use
Mod Codes (Table II) to Add
Clamp to This Assembly.


Similar Part No. - ITS31038A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS31030A GLENAIR-ITS31030A Datasheet
1Mb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030F GLENAIR-ITS31030F Datasheet
886Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030G GLENAIR-ITS31030G Datasheet
771Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030GR GLENAIR-ITS31030GR Datasheet
765Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030R GLENAIR-ITS31030R Datasheet
1Mb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
More results

Similar Description - ITS31038A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-31030-RS GLENAIR-ITS-31030-RS Datasheet
168Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-SP GLENAIR-ITS-31030-SP Datasheet
305Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030A GLENAIR-ITS31030A Datasheet
1Mb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030G GLENAIR-ITS31030G Datasheet
771Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A GLENAIR-ITS-31030-A Datasheet
305Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-PG GLENAIR-ITS-31030-A-PG Datasheet
165Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-PHM-EMI67 GLENAIR-ITS-31030-A-PHM-EMI67 Datasheet
175Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31038-A GLENAIR-ITS-31038-A Datasheet
188Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-GR GLENAIR-ITS-31030-GR Datasheet
352Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-G GLENAIR-ITS-31030-G Datasheet
343Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com