Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-15JXT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS27C256-15JXT
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-15JXT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS27C256-15JXT Datasheet HTML 1Page - Austin Semiconductor AS27C256-15JXT Datasheet HTML 2Page - Austin Semiconductor AS27C256-15JXT Datasheet HTML 3Page - Austin Semiconductor AS27C256-15JXT Datasheet HTML 4Page - Austin Semiconductor AS27C256-15JXT Datasheet HTML 5Page - Austin Semiconductor AS27C256-15JXT Datasheet HTML 6Page - Austin Semiconductor AS27C256-15JXT Datasheet HTML 7Page - Austin Semiconductor AS27C256-15JXT Datasheet HTML 8Page - Austin Semiconductor AS27C256-15JXT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
OPERATION
The seven modes of operation for the AS27C256 are listed in Table 1. The read mode requires a single 5V supply.
All inputs are TTL level except for V
PP during programming (12.75V for FLASHRITE Pulse), and (12V) on A9
for signature mode.
TABLE 1. OPERATION MODES
NOTES:
* X can be V
IL or VIH
**
Die is AMD. User can program on benchtop programmer by selecting AM27C256 from the device
type selection menu.
READ
OUTPUT
DISABLE STANDBY PROGRAMMING VERIFY
PROGRAM
INHIBIT
E\
VIL
VIL
VIH
VIL
VIH
VIH
G\
VIL
VIH
X
VIH
VIL
X
VPP
X
1
X
1
X
1
VPP
VPP
VPP
VCC
VCC
VCC
VCC+/-.3V
VCC
VCC
VCC
A9
X
X
X
X
X
X
VID
2
VID
2
A0
X
X
X
X
X
X
VIL
VIH
MFG
DEVICE
01h
10h
1For normal standby & read operation, VPP is Don't Care X.
2 V
ID = 12V +/- .5V
Data Out
Data Out
High-Z
High-Z
Data In
High-Z
VCC
FUNCTION
(PINS)
SIGNATURE MODE
MODE*
CODE**
DQ0-DQ7
VCC
VIL
VIL


Similar Part No. - AS27C256-15JXT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C256-15JXT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com