Electronic Components Datasheet Search |
|
799-016TMTA05M Datasheet(PDF) 1 Page - Glenair, Inc. |
|
799-016TMTA05M Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page A A B B C C D D E E F F G G H H Dimensions in inches (millimeters) and are subject to change without notice. © 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com H-5 E-Mail: sales@glenair.com Series 79 Micro-Crimp Section H: Backshells and Accessories A A B B C C D D E E F F G G H H 799-016 EMI BACKShELL FoR PANEL MoUNt CoNNECtoRS Attach shield braid to panel-mounted connectors with 799-016 EMI adapters. These one-piece backshells attach to connector with stainless steel screws. These adapters feature an interlocking tongue that fits inside the connector for improved EMI shielding. Terminate shields with BAND-IT™ stainless steel straps. Elliptical cable entry provides room for large wire bundles. These machined T6061 aluminum backshells are supplied with two mounting screws. These adapters fit 790-026 receptacles and 790-027 plugs. Component Material Finish Backshell Aluminum Alloy See table below Hardware Stainless Steel Passivated How To Order Sample Part Number 799-016t M F 04 N 09 Part Number Shell Finish Shell Size Cable Entry Size Band Option Height Code 799-016t Top Entry 799-016S Side Entry 799-016E 45° Entry M Electroless Nickel general purpose applications MT Nickel-PTFE 1000 Hour Grey™ maximum corrosion protection and durability (non-reflective grey) ZNU Zinc-Nickel with Black Chromate tactical applications (non- reflective black) Additional shell finishes are listed on page C-9. A B C D E F G H J K L E Cable Entry Code E (In.) Shell Size 01 .255 A-L 02 .405 B-L 03 .555 C-L 04 .655 D-L 05 .805 E-L 06 .920 F-L 07 1.110 H- L 08 1.300 H-L 09 1.415 k, L 10 1.535 k, L 11 1.715 k N No Band Supplied M BAND-IT™ Micro-Band Included. .125 (3.18) Wide. HEIGHT HEIGHT TOP ENTRY (T) SIDE ENTRY (S) 45° ENTRY (E) HEIGHT Height Code Length (In.) Entry Style Range Top Entry (T) Side Entry (S) 45° Entry (E) 05 .313 — A-F, J, k — 06 .375 — A-F, J, k — 07 .438 — A-L — 08 .500 — A-L — 09 .563 A-F, J, k A-L A-F, J, k 10 .625 A-L A-L A-G, J, k 11 .688 A-L A-L A-L 12 .750 A-L A-L A-L 13 .813 A-L — A-L 14 .875 A-L — A-L 15 .938 A-L — A-L 16 1.000 A-L — A-L 17 1.063 A-L — A-L 18 1.125 A-L — G, H, L 19 1.188 G, H, L — G, H, L 20 1.250 G, H, L — G, H, L 21 1.313 G, H, L — G, H, L 22 1.375 G, H, L — — Rev. 04-July-2009 |
Similar Part No. - 799-016TMTA05M |
|
Similar Description - 799-016TMTA05M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |