Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-17ECAXT Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS27C256-17ECAXT
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-17ECAXT Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS27C256-17ECAXT Datasheet HTML 4Page - Austin Semiconductor AS27C256-17ECAXT Datasheet HTML 5Page - Austin Semiconductor AS27C256-17ECAXT Datasheet HTML 6Page - Austin Semiconductor AS27C256-17ECAXT Datasheet HTML 7Page - Austin Semiconductor AS27C256-17ECAXT Datasheet HTML 8Page - Austin Semiconductor AS27C256-17ECAXT Datasheet HTML 9Page - Austin Semiconductor AS27C256-17ECAXT Datasheet HTML 10Page - Austin Semiconductor AS27C256-17ECAXT Datasheet HTML 11Page - Austin Semiconductor AS27C256-17ECAXT Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
RECOMMENDED TIMING REQUIREMENTS FOR PROGRAMMING: V
CC
= 6.5 and V
PP
=
12.75V (AMD FLASHRITE ALGO), T
A
= 25°C (See Figure 2)
PARAMETER MEASUREMENT INFORMATION
NOTES:
1. C
L
includes probe and fixture capacitance.
FIGURE 2. LOAD CIRCUIT AND VOLTAGE WAVEFORMS
The AC testing inputs are driven at 2.4V for logic high and 0.4V for logic low. Timing measurements are made
at 2V for logic high and 0.8V for logic low for both inputs and outputs.
2.08V
Output Under Test
R
L = 800Ω
CL = 100 pF1
MIN
TYP
MAX
UNIT
th(A)
0µs
th(D)
2µs
tw(E)PR
95
100
105
µs
tsu(A)
2µs
tsu(G)
2µs
tsu(E)
2µs
tsu(D)
2µs
tsu(VPP)
2µs
tsu(VCC)
2µs
Hold Time, Address
Hold Time, Data
Setup Time, Address
Pulse Duration, Initial Program
Setup Time, VCC
Setup Time, G\
Setup Time, E\
Setup Time, Data
Setup Time, VPP


Similar Part No. - AS27C256-17ECAXT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C256-17ECAXT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com