Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-7A-A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-7A-A
Description  Mounting Flange, 3/4 Perimeter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-7A-A Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-7A-A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
C-24
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
M85049/95-10A-A
Basic Part No.
Shell Size and Class
A = Primer Coat Required
AS85049/95
Mounting Flange, 3/4 Perimeter
A
±.003
(.1)
.625 (15.9)
.719 (18.3)
.594 (15.1)
.719 (18.3)
.812 (20.6)
.812 (20.6)
.938 (23.8)
.906 (23.0)
1.031 (26.2)
.969 (24.6)
1.125 (28.6)
1.062 (27.0)
1.062 (27.0)
1.203 (30.6)
.906 (23.0)
1.156 (29.4)
1.297 (32.9)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.375 (34.9)
1.500 (38.1)
.969 (24.6)
.969 (24.6)
1.562 (39.7)
1.750 (44.5)
1.938 (49.2)
1.187 (30.1)
1.437 (36.5)
Shell
Size &
Class
3A
7A
8A
10A
10B
12A
12B
14A
14B
16A
16B
18A
18A
18B
19A
20A
20B
22A
22B
24A
24B
25A
27A
27A
28A
32A
36A
37A
61A
Thread
UNJC-3B
4-40
4-40
4-40
4-40
6-32
4-40
6-32
4-40
6-32
4-40
6-32
4-40
4-40
6-32
4-40
4-40
6-32
4-40
6-32
4-40
6-32
6-32
4-40
4-40
6-32
6-32
6-32
4-40
4-40
TABLE I
B
±.015
(.4)
.925 (23.5)
1.019 (25.9)
.880 (22.4)
1.019 (25.9)
1.312 (33.3)
1.104 (28.0)
1.187 (30.1)
1.198 (30.4)
1.406 (35.7)
1.280 (32.5)
1.500 (38.1)
1.406 (35.7)
1.406 (35.7)
1.578 (40.1)
1.192 (30.3)
1.535 (39.0)
1.688 (42.9)
1.665 (42.3)
1.738 (44.1)
1.891 (48.0)
1.785 (45.3)
1.891 (48.0)
1.255 (31.9)
1.255 (31.9)
2.000 (50.8)
2.312 (58.7)
2.500 (63.5)
1.500 (38.1)
1.812 (46.0)
C
+.015
(.4)
-.000
(.0)
.641 (16.3)
.688 (17.5)
.570 (14.5)
.720 (18.3)
.749 (19.0)
.855 (21.7)
.938 (23.8)
.984 (25.0)
1.031 (26.2)
1.094 (27.8)
1.125 (28.6)
1.220 (31.0)
1.220 (31.0)
1.234 (31.3)
.953 (24.2)
1.345 (34.2)
1.359 (34.5)
1.478 (37.5)
1.483 (37.7)
1.560 (39.6)
1.595 (40.5)
1.658 (42.1)
1.094 (27.8)
1.094 (27.8)
1.820 (46.2)
2.062 (52.4)
2.312 (58.7)
1.281 (32.5)
1.594 (40.5)
D
±.030
(.8)
.136 (3.5)
.136 (3.5)
.136 (3.5)
.136 (3.5)
.153 (3.9)
.136 (3.5)
.153 (3.9)
.136 (3.5)
.153 (3.9)
.136 (3.5)
.153 (3.9)
.136 (3.5)
.136 (3.5)
.153 (3.9)
.136 (3.5)
.136 (3.5)
.153 (3.9)
.136 (3.5)
.153 (3.9)
.153 (3.9)
.153 (3.9)
.153 (3.9)
.136 (3.5)
.136 (3.5)
.153 (3.9)
.153 (3.9)
.153 (3.9)
.136 (3.5)
.136 (3.5)
Application Notes:
1. For complete
dimensions see
applicable Military
Specification.
2. Metric dimensions
(mm) are indicated
in parentheses.
E
+.000
(.0)
-.030
(.8)
.325 (8.3)
.433 (11.0)
.433 (11.0)
.308 (7.8)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.530 (13.5)
.526 (13.4)
.624 (15.8)
.620 (15.7)
.687 (17.4)
.683 (17.3)
.780 (19.8)
.780 (19.8)
.776 (19.7)
.620 (15.7)
.620 (15.7)
.874 (22.2)
.865 (22.0)
.968 (24.6)
.907 (23.0)
.907 (23.0)
1.000 (25.4)
1.000 (25.4)
1.031 (26.2)
1.125 (28.6)
.683 (17.3)
.683 (17.3)
1.125 (28.6)
1.188 (30.2)
1.188 (30.2)
1.375 (34.9)
.874 (22.2)
1.602 (40.7)
D
B
A
A
B
Nut, Self-Locking, Clinch
MIL-N-45938 Type, 4 Places
.040 (1.02)
.040 (1.02)
±.003 (0.8)
±.003 (0.8)
E
C


Similar Part No. - M85049-7A-A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-7-1 GLENAIR-M85049-7-1 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-10 GLENAIR-M85049-7-10 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-11 GLENAIR-M85049-7-11 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-12 GLENAIR-M85049-7-12 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-13 GLENAIR-M85049-7-13 Datasheet
85Kb / 2P
   Environmental Backshells
More results

Similar Description - M85049-7A-A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-3-A GLENAIR-M85049-3-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
M85528-1-08-A GLENAIR-M85528-1-08-A Datasheet
60Kb / 1P
   Mounting Flange, Full Perimeter
M85049-8-A GLENAIR-M85049-8-A Datasheet
253Kb / 1P
   Mounting Flange, Full Perimeter
M85049-94-08-A GLENAIR-M85049-94-08-A Datasheet
61Kb / 1P
   Mounting Flange, Full Perimeter
MS85049-95 GLENAIR-MS85049-95 Datasheet
97Kb / 1P
   3/4 Perimeter Nut Plate
MS85049-94-8-A GLENAIR-MS85049-94-8-A Datasheet
226Kb / 1P
   Full Perimeter Nut Plate for Flange Mount Receptacle Connector
logo
Pepperl+Fuchs Inc.
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
   Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
   Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
   Mounting flange
BF4 PF-BF4 Datasheet
510Kb / 1P
   Mounting flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com