Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

712475XM12DE Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712475XM12DE
Description  Composite Conduit Bulkhead Feed-Through Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712475XM12DE Datasheet(HTML) 1 Page - Glenair, Inc.

  712475XM12DE Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-33
E-Mail: sales@glenair.com
www.glenair.com
712-475
Composite Conduit Bulkhead Feed-Through Adapter
for Environmental or Non-Environmental
Series 74 PEEK or Standard Tubing
NOTES:
1. Metric dimensions (mm) are in parentheses and are for reference only.
2. Convoluted tubing size, tubing to be ordered separately (See Page I-23).
A Thread
2.130 (54.1)
Max
Tubing shown for
reference only
See Note 2
1.410
(35.8) Max
F
Knurl or Flute Style
Manufacurer's Option, Typ.
C Typ
G
.500
(12.7)
Ref
Typ
D
E
Style E
Environmenal
See Part Number
Development
Panel
Cut-Out
Non-Environmental
(See Part Number
Development)
.190
(4.8)
Typ
.125 (3.2)
Max Panel
thickness Typ
Tubing I.D.
Gland Seal
range
Product Series
Basic Number
Finish (Table II)
Dash No. (Table I)
D = D Hole Mounting Flats
N = None
E = Environmental Gland Seal Style
(Omit for Standard Non-Environmental
Style)
Add Letter K for Adapter to
accommodate PEEK Conduit
712 475 XM 20 D E K
Table I
A Thread
Class 2A
M16 x 1.0
M16 x 1.0
M16 x 1.0
M16 x 1.0
M20 x 1.0
M20 x 1.0
M27 x 1.0
1-20 UNEF
M27 x 1.0
M36 x 1.0
1 1/2 -18 UNEF
1 3/4 -18 UNEF
2 -18 UNS
2 1/4 -16 UN
B
+.015 (0.4)
-.000 (0.0)
.640 (16.3)
.640 (16.3)
.640 (16.3)
.640 (16.3)
.802 (20.4)
.802 (20.4)
1.078 (27.4)
1.005 (25.5)
1.078 (27.4)
1.437 (36.5)
1.505 (38.2)
1.755 (44.6)
2.005 (50.9)
2.255 (57.3)
Dash
No.
06
09
10
12
14
16
20
24
28
32
40
48
56
64
D
+.000 (0.0)
-.015 (0.4)
.595 (15.1)
.595 (15.1)
.595 (15.1)
.595 (15.1)
1.752 (44.5)
1.752 (44.5)
1.069 (27.2)
.937 (23.8)
1.029 (26.1)
1.403 (35.6)
1.437 (36.5)
1.687 (42.8)
1.937 (49.2)
2.187 (55.5)
C
Across
Flats
.875 (22.2)
.875 (22.2)
.875 (22.2)
.875 (22.2)
1.062 (27.0)
1.062 (27.0)
1.312 (33.3)
1.312 (33.3)
1.312 (33.3)
1.750 (44.5)
1.750 (44.5)
2.000 (50.8)
2.250 (57.2)
2.500 (63.5)
E
Max
.500 (12.7)
.600 (15.2)
.630 (16.0)
.700 (17.8)
.760 (19.3)
.850 (21.6)
.970 (24.6)
1.140 (29.0)
1.280 (32.5)
1.450 (36.8)
1.760 (44.7)
2.060 (52.3)
2.390 (60.7)
2.570 (65.3)
F
Min
.162 (4.1)
.244 (6.2)
.274 (7.0)
.326 (8.3)
.382 (9.7)
.434 (11.0)
.539 (13.7)
.649 (16.5)
.769 (19.5)
.868 (22.0)
1.078 (27.4)
1.200 (30.5)
1.400 (35.6)
1.600 (40.6)
G
Max
1.020 (25.9)
1.020 (25.9)
1.020 (25.9)
1.020 (25.9)
1.180 (30.0)
1.180 (30.0)
1.450 (36.8)
1.390 (35.3)
1.450 (36.8)
1.810 (46.0)
1.890 (48.0)
2.140 (54.4)
2.390 (60.7)
2.640 (67.1)
Min
.181 (4.6)
.273 (6.9)
.306 (7.8)
.364 (9.2)
.427 (10.8)
.485 (12.3)
.608 (15.4)
.730 (18.5)
.860 (21.8)
.975 (24.8)
1.210 (30.7)
1.437 (36.5)
1.688 (42.9)
2.937 (74.6)
Max
.187 (4.7)
.281 (7.1)
.312 (7.9)
.375 (9.5)
.437 (11.1)
.500 (1.3)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
1.750 (44.5)
2.000 (50.8)
Min
.156 (4.0)
.156 (4.0)
.156 (4.0)
.188 (4.8)
.250 (6.4)
.250 (6.4)
.375 (9.5)
.375 (9.5)
.438 (11.1)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.250 (31.8)
Max
.250 (6.4)
.250 (6.4)
.250 (6.4)
.312 (7.9)
.438 (11.1)
.438 (11.1)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.625 (41.3)
Tubing I.D.
Gland Seal Range
TABLE 2
XM
Electroless Nickel
XW
Cadmium Olive Drab Over Electroless
Nickel
XB
No Plating - Black Material
XO
No Plating - Base Material
Non-conductive
Table II


Similar Part No. - 712475XM12DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7124 ETC1-7124 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Bourns Electronic Solut...
7124-RC BOURNS-7124-RC Datasheet
89Kb / 1P
   Common Mode EMI Chokes
7124-RC BOURNS-7124-RC Datasheet
55Kb / 1P
   Common Mode EMI Chokes
7124-RC BOURNS-7124-RC Datasheet
75Kb / 1P
   Common Mode EMI Chokes
logo
Molex Electronics Ltd.
71243-0001 MOLEX8-71243-0001 Datasheet
214Kb / 4P
   1.27mm (.050") Pitch DIMM Socket, Single Key, Vertical, Plastic Peg, 128 Circuits
More results

Similar Description - 712475XM12DE

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
377-041 GLENAIR-377-041 Datasheet
306Kb / 2P
   Composite FiberCon Conduit Adapter
712S269XM GLENAIR-712S269XM_03 Datasheet
26Kb / 1P
   Self-Locking Composite Conduit Adapter
712S270XM GLENAIR-712S270XM_03 Datasheet
23Kb / 1P
   Self-Locking Composite Conduit Adapter
712S271XM GLENAIR-712S271XM_03 Datasheet
24Kb / 1P
   Self-Locking Composite Conduit Adapter
712AS419XM GLENAIR-712AS419XM Datasheet
339Kb / 2P
   Composite Conduit-to-Connector Adapter
712AS419XM19 GLENAIR-712AS419XM19 Datasheet
270Kb / 1P
   Self-Locking Composite Conduit Adapter
logo
Pomona Electronics
6706 POMONA-6706 Datasheet
19Kb / 1P
   F Type Bulkhead / Panel Feed Through Adapter
logo
Glenair, Inc.
227-03910 GLENAIR-227-03910 Datasheet
427Kb / 2P
   Bulkhead Feed-Through
710-100M20 GLENAIR-710-100M20 Datasheet
86Kb / 2P
   Metal Bulkhead Adapters & Feed-Throughs for Conduit
712S269XM GLENAIR-712S269XM Datasheet
261Kb / 1P
   Composite Shrink Boot Conduit Fitting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com