Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

799-016TZNUA06M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 799-016TZNUA06M
Description  EMI BACKSHELL FOR PANEL MOUNT CONECTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

799-016TZNUA06M Datasheet(HTML) 1 Page - Glenair, Inc.

  799-016TZNUA06M Datasheet HTML 1Page - Glenair, Inc. 799-016TZNUA06M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-5
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section H: Backshells and Accessories
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
799-016 EMI BACKShELL FoR PANEL MoUNt CoNNECtoRS
Attach shield braid to panel-mounted connectors with 799-016 EMI adapters. These
one-piece backshells attach to connector with stainless steel screws. These adapters
feature an interlocking tongue that fits inside the connector for improved EMI
shielding. Terminate shields with BAND-IT™ stainless steel straps. Elliptical cable entry
provides room for large wire bundles. These machined T6061 aluminum backshells
are supplied with two mounting screws. These adapters fit 790-026 receptacles and
790-027 plugs.
Component
Material
Finish
Backshell
Aluminum Alloy
See table below
Hardware
Stainless Steel
Passivated
How To Order
Sample Part Number
799-016t
M
F
04
N
09
Part Number Shell Finish
Shell
Size
Cable Entry
Size
Band Option
Height Code
799-016t
Top Entry
799-016S
Side Entry
799-016E
45° Entry
M
Electroless
Nickel
general purpose
applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum corrosion
protection and
durability
(non-reflective
grey)
ZNU
Zinc-Nickel with
Black Chromate
tactical
applications (non-
reflective black)
Additional shell
finishes are listed
on page C-9.
A
B
C
D
E
F
G
H
J
K
L
E
Cable
Entry
Code
E
(In.)
Shell
Size
01
.255 A-L
02
.405 B-L
03
.555 C-L
04
.655 D-L
05
.805 E-L
06
.920 F-L
07 1.110 H- L
08 1.300 H-L
09 1.415 k, L
10 1.535 k, L
11 1.715 k
N
No Band
Supplied
M
BAND-IT™
Micro-Band
Included. .125
(3.18) Wide.
HEIGHT
HEIGHT
TOP
ENTRY
(T)
SIDE
ENTRY
(S)
45°
ENTRY
(E)
HEIGHT
Height
Code
Length
(In.)
Entry Style Range
Top Entry
(T)
Side Entry
(S)
45° Entry
(E)
05
.313
A-F, J, k
06
.375
A-F, J, k
07
.438
A-L
08
.500
A-L
09
.563
A-F, J, k
A-L
A-F, J, k
10
.625
A-L
A-L
A-G, J, k
11
.688
A-L
A-L
A-L
12
.750
A-L
A-L
A-L
13
.813
A-L
A-L
14
.875
A-L
A-L
15
.938
A-L
A-L
16
1.000
A-L
A-L
17
1.063
A-L
A-L
18
1.125
A-L
G, H, L
19
1.188
G, H, L
G, H, L
20
1.250
G, H, L
G, H, L
21
1.313
G, H, L
G, H, L
22
1.375
G, H, L
Rev. 04-July-2009


Similar Part No. - 799-016TZNUA06M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-011TMA01BM GLENAIR-799-011TMA01BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01BN GLENAIR-799-011TMA01BN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HM GLENAIR-799-011TMA01HM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HN GLENAIR-799-011TMA01HN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA02BM GLENAIR-799-011TMA02BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
More results

Similar Description - 799-016TZNUA06M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
   EMI/RFI Backshell
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
   EMI/RFI Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
IPT00A18-11SZC GLENAIR-IPT00A18-11SZC Datasheet
222Kb / 2P
   Front Panel Mount Square Flange Receptacle with Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
IPT07MSE18-11SZ GLENAIR-IPT07MSE18-11SZ Datasheet
222Kb / 2P
   Rear Panel Mount Jam Nut Receptacle with Backshell
470H GLENAIR-470H Datasheet
151Kb / 2P
   EMI/RFI StarShield Backshell
557T387M GLENAIR-557T387M Datasheet
127Kb / 2P
   EMI/RFI Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com