Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5181F-SPACE Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS5181F-SPACE
Description  10 Bit, 40MHz Current -Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5181F-SPACE Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS5181F-SPACE Datasheet HTML 6Page - Austin Semiconductor AS5181F-SPACE Datasheet HTML 7Page - Austin Semiconductor AS5181F-SPACE Datasheet HTML 8Page - Austin Semiconductor AS5181F-SPACE Datasheet HTML 9Page - Austin Semiconductor AS5181F-SPACE Datasheet HTML 10Page - Austin Semiconductor AS5181F-SPACE Datasheet HTML 11Page - Austin Semiconductor AS5181F-SPACE Datasheet HTML 12Page - Austin Semiconductor AS5181F-SPACE Datasheet HTML 13Page - Austin Semiconductor AS5181F-SPACE Datasheet HTML 14Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
D
D
D
D
DA
A
A
A
AC
C
C
C
C
AS5181
AS5181
Rev. 0.3 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
Austin Semiconductor, Inc.
POWER-DOWN MODE SELECTION
PD
(POWER-DOWN SELECT)
DACEN
(DAC ENABLE)
POWER-DOWN MODE
OUTPUT STATE
0
0
Standby
High-Z
0
1
Wake-Up
Last state prior to standby mode
1
X
Shutdown
High-Z
X = Don’t Care
FIGURE 3: AS5181 with External Reference
APPLICATIONS INFORMATION
Static and Dynamic Performance
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) (Figure 5a) is the deviation of
the values on an actual transfer function from either a best-
straight-line fit (closest approximation to the actual transfer
curve) or a line drawn between the endpoints of the transfer
function once offset and gain errors have been nullified. For a
DAC, the deviations are measured every single step.
Differential Nonlinearity
Differential nonlinearity (DNL) (Figure 5b) is the difference
between an actual step height and the ideal value of 1LSB. A
DNL error specification of less than 1LSB guarantees no
missing codes and a monotonic transfer function.
Offset Error
Offset error (Figure 5c) is the difference between the ideal
and the actual offset point. For a DAC, the offset point is the
step value when the digital input is zero. This error affects all
codes by the same amount and can usually be compensated by
trimming.
Gain Error
Gain error (Figure 5d) is the difference between the ideal
and the actual full-scale output voltage on the transfer curve,
after nullifying the offset error. This error alters the slope of the
transfer function and corresponds to the same percentage error
in each step.
Settling Time
Settling time is the amount of time required from the start of
a transition until the DAC output settles its new output value
to within the converter’s specified accuracy.


Similar Part No. - AS5181F-SPACE

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5181 MICROSS-AS5181 Datasheet
962Kb / 16P
   Low-Current Standby or Full Shutdown Modes
More results

Similar Description - AS5181F-SPACE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
logo
Analog Devices
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com