Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1419AECA-XT Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS1419AECA-XT
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AECA-XT Datasheet(HTML) 5 Page - Austin Semiconductor

  AS1419AECA-XT Datasheet HTML 1Page - Austin Semiconductor AS1419AECA-XT Datasheet HTML 2Page - Austin Semiconductor AS1419AECA-XT Datasheet HTML 3Page - Austin Semiconductor AS1419AECA-XT Datasheet HTML 4Page - Austin Semiconductor AS1419AECA-XT Datasheet HTML 5Page - Austin Semiconductor AS1419AECA-XT Datasheet HTML 6Page - Austin Semiconductor AS1419AECA-XT Datasheet HTML 7Page - Austin Semiconductor AS1419AECA-XT Datasheet HTML 8Page - Austin Semiconductor AS1419AECA-XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
NOTES:
1. Absolute Maximum Ratings are those values beyond which
the life of a device may be impaired.
2. All voltage values are with respect to ground with DGND and
AGND wired together unless otherwise noted.
3. When these pin voltages are taken below V
SS
or above V
DD
,
they will be clamped by internal diodes. This product can handle
input currents greater than 100mA below V
SS
or above V
DD
without latchup.
4. When these pin voltages are taken below V
SS
, they will be
clamped by internal diodes. This product can handle input
currents greater than 100mA below V
SS
without latchup. These
pins are not clamped to V
DD
.
5. V
DD
= 5V, V
SS
= –5V, f
SAMPLE
= 800kHz, t
r
= t
f
= 5ns unless
otherwise specified.
6. Linearity, offset and full-scale specifications apply for a single
ended +A
IN
input with – A
IN
grounded.
7. Integral nonlinearity is defined as the deviation of a code
from a straight line passing through the actual endpoints of the
transfer curve. The deviation is measured from the center of
the quantization band.
8. Bipolar offset is the offset voltage measured from –0.5LSB
when the output code flickers between 0000 0000 0000 00 and
1111 1111 1111 11.
9. Guaranteed by design, not subject to test.
10. Recommended operating conditions.
11. The falling edge of CONVST\ starts a conversion. If
CONVST\ returns high at a critical point during the conversion
it can create small errors. For best performance ensure that
CONVST\ returns high either within 650ns after the start of the
conversion or after BUSY\ rises.
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - AS1419AECA-XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4D13 ETC-AS1431DR4D13 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4D7 ETC-AS1431DR4D7 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4DA ETC-AS1431DR4DA Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4DB ETC-AS1431DR4DB Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results

Similar Description - AS1419AECA-XT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com