Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1419AECA-IT Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS1419AECA-IT
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AECA-IT Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS1419AECA-IT Datasheet HTML 5Page - Austin Semiconductor AS1419AECA-IT Datasheet HTML 6Page - Austin Semiconductor AS1419AECA-IT Datasheet HTML 7Page - Austin Semiconductor AS1419AECA-IT Datasheet HTML 8Page - Austin Semiconductor AS1419AECA-IT Datasheet HTML 9Page - Austin Semiconductor AS1419AECA-IT Datasheet HTML 10Page - Austin Semiconductor AS1419AECA-IT Datasheet HTML 11Page - Austin Semiconductor AS1419AECA-IT Datasheet HTML 12Page - Austin Semiconductor AS1419AECA-IT Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
Signal-to-Noise Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited to
frequencies from above DC and below half the sampling
frequency. Figure 2 shows a typical spectral content with a
800kHz sampling rate and a 100kHz input. The dynamic
performance is excellent for input frequencies up to and
beyond the Nyquist limit of 400kHz.
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the S/(N + D)
by the equation:
N = [S/(N + D) – 1.76]/6.02
where N is the effective number of bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling rate of
800kHz, the AS1419 maintains near ideal ENOBs up to the
Nyquist input frequency of 400kHz (refer to Figure 3).
FIGURE 3: Effective Bits and Signal/
(Noise+Distortion) vs. Input Frequency
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency. THD is expressed
as:
where V1 is the RMS amplitude of the fundamental frequency
and V2 through Vn are the amplitudes of the second through
nth harmonics. THD vs Input Frequency is shown in Figure 4.
The AS1419 has good distortion performance up to the Nyquist
frequency and beyond.
FIGURE 4: Distortion vs. Input Frequency
FIGURE 5: Intermodulation Distortion
Plot


Similar Part No. - AS1419AECA-IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4D13 ETC-AS1431DR4D13 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4D7 ETC-AS1431DR4D7 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4DA ETC-AS1431DR4DA Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4DB ETC-AS1431DR4DB Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results

Similar Description - AS1419AECA-IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com