Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24758-15-03-01 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # M24758-15-03-01
Description  Adapter for Stuffing Tubes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-15-03-01 Datasheet(HTML) 2 Page - Glenair, Inc.

  M24758-15-03-01 Datasheet HTML 1Page - Glenair, Inc. M24758-15-03-01 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 6/1999 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
75
MIL-S-24235
Stuffing
Tube Size
A
B
C
D
E
F
G
J
K
L
M
N
P
R
S
T
V
W
X
Y
Z
AA
BB
TABLE II
A
Thread
(Class 2A)
0.875 - 12 UN
1.000 - 12 UN
1.125 - 12 UN
1.250 - 12 UN
1.250 - 12 UN
1.313 - 12 UN
1.500 - 12 UN
1.625 - 12 UN
1.750 - 12 UN
1.813 - 12 UN
2.000 - 12 UN
2.063 - 12 UN
2.188 - 12 UN
2.313 - 12 UN
2.688 - 12 UN
2.875 - 12 UN
3.000 - 12 UN
3.125 - 12 UN
3.250 - 12 UN
3.375 - 12 UN
3.563 - 12 UN
3.750 - 12 UN
4.000 - 12 UN
A
Dia
.406 (10.3)
.515 (13.1)
.640 (16.3)
.750 (19.1)
.812 (20.6)
.843 (21.4)
.935 (23.7)
1.062 (27.0)
1.171 (29.7)
1.265 (32.1)
1.406 (35.7)
1.515 (38.5)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.062 (52.4)
2.187 (55.5)
2.312 (58.7)
2.500 (63.5)
2.609 (66.3)
2.781 (70.6)
2.875 (73.0)
3.157 (80.2)
J
±.02
(.5)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.250
(6.4)
.250
(6.4)
.250
(6.4)
.250
(6.4)
.313
(8.0)
.313
(8.0)
.313
(8.0)
.313
(8.0)
.313
(8.0)
.313
(8.0)
.313
(8.0)
.438 (11.1)
.438 (11.1)
H
±.02
(.5)
1.063 (27.0)
1.063 (27.0)
1.063 (27.0)
1.063 (27.0)
1.063 (27.0)
1.188 (30.2)
1.188 (30.2)
1.188 (30.2)
1.500 (38.1)
1.500 (38.1)
1.500 (38.1)
1.563 (39.7)
1.563 (39.7)
1.563 (39.7)
2.188 (55.6)
2.188 (55.6)
2.188 (55.6)
2.188 (55.6)
2.188 (55.6)
2.188 (55.6)
2.188 (55.6)
3.125 (79.4)
3.125 (79.4)
P
Dim
(Minimum)
1.031 (26.2)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.375 (34.9)
1.438 (36.5)
1.656 (42.1)
1.781 (45.2)
1.875 (47.6)
1.938 (49.2)
2.188 (55.6)
2.250 (57.2)
2.344 (59.5)
2.469 (62.7)
2.813 (71.5)
2.969 (75.4)
3.094 (78.6)
3.281 (83.3)
3.438 (87.3)
3.563 (90.5)
3.750 (95.3)
3.875 (98.4)
4.125 (104.8)
Q
±.02 (.5)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.188 (4.8)
.250 (6.4)
.250 (6.4)
.250 (6.4)
.250 (6.4)
.250 (6.4)
.250 (6.4)
.250 (6.4)
.250 (6.4)
.250 (6.4)
Conduit
Size
Code
03
04
04,05,06
06
06
08
08
10
10
10
10,12
12
16
16
16
16
16
16,20
20
20
20
20,24
24
C
Thread
(Class 2A)
0.438 - 28 UNEF
0.563 - 24 UNEF
0.688 - 24 UNEF
0.813 - 20 UNEF
0.938 - 20 UNEF
1.250 - 18 UNEF
1.563 - 18 UNEF
1.875 - 16 UN
2.375 - 16 UN
2.875 - 16 UN
3.375 - 16 UN
Conduit
Size
Code
02
03
04
05
06
08
10
12
16
20
24
TABLE I
L
±.02
(.5)
.210
(5.3)
.250
(6.4)
.250
(6.4)
.310
(7.9)
.310
(7.9)
.370
(9.4)
.370
(9.4)
.430 (10.9)
.430 (10.9)
.430 (10.9)
.430 (10.9)
K
Dia
Min.
.250
(6.4)
.370
(9.4)
.500 (12.7)
.620 (15.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
M24758/15 Adapter for
MIL-C-24235 Stuffing Tubes


Similar Part No. - M24758-15-03-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-15-B-04 GLENAIR-M24758-15-B-04 Datasheet
80Kb / 2P
   Adapter for Stuffing Tubes
More results

Similar Description - M24758-15-03-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-15-B-04 GLENAIR-M24758-15-B-04 Datasheet
80Kb / 2P
   Adapter for Stuffing Tubes
M24758-30CC GLENAIR-M24758-30CC Datasheet
238Kb / 2P
   Elbow for MIL-S-24235 Stuffing Tubes
M24758-15CC GLENAIR-M24758-15CC Datasheet
52Kb / 2P
   Adapter for MIL-S-24235 Stuffi ng Tubes
M24758-7-04-B-A GLENAIR-M24758-7-04-B-A Datasheet
81Kb / 2P
   Conduit-to-Stuffing Tube Fitting
logo
Cynergy3 Co
EXT025M12PP CYNERGY3-EXT025M12PP Datasheet
297Kb / 1P
   extension tubes for float switches
logo
Schneider Electric
VRKP4YYYYY00010 SCHNEIDER-VRKP4YYYYY00010 Datasheet
81Kb / 1P
   guiding tubes for telescopic axis
Apr 20, 2022
VRKP2YYYYY00010 SCHNEIDER-VRKP2YYYYY00010 Datasheet
81Kb / 1P
   guiding tubes for telescopic axis
Apr 20, 2022
logo
Hamamatsu Corporation
C5594 HAMAMATSU-C5594 Datasheet
134Kb / 4P
   HIGH SPEED AMPLIFIER FOR PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
   PHOTOMULTIPLIER TUBES
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com