Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24758-17-04-A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M24758-17-04-A
Description  Adapter for Tapered Pipe Thread
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-17-04-A Datasheet(HTML) 1 Page - Glenair, Inc.

  M24758-17-04-A Datasheet HTML 1Page - Glenair, Inc. M24758-17-04-A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 6/1999 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
78
1. The M24758/17 adapter couples any fittings having a female tapered pipe thread to M24758/2, M24758/3, or
M24758/4 fittings.
2. Metric dimensions (mm) are indicated in parentheses.
3. For complete dimensions see applicable Military Specification.
M24758/17 Adapter for
Tapered Pipe Thread
M24758/17-16-A
Basic Part No.
Conduit Size Code
(See Table I)
Material Designator:
A = Aluminum
B = Brass
C = CRES 316
Conduit
Size
Code
02
03
04
05
06
08
10
12
16
20
24
TABLE I
A
Thread
0.250 - 18.00 NPT
0.375 - 18.00 NPT
0.500 - 14.00 NPT
0.750 - 14.00 NPT
0.750 - 14.00 NPT
1.000 - 11.50 NPT
1.250 - 11.50 NPT
1.500 - 11.50 NPT
2.000 - 11.50 NPT
2.500 - 8.00 NPT
3.000 - 8.00 NPT
P
Dia
(Minimum)
.690 (17.5)
.810 (20.6)
1.000 (25.4)
1.180 (30.0)
1.180 (30.0)
1.500 (38.1)
1.810 (46.0)
2.120 (53.8)
2.620 (66.5)
3.000 (76.2)
3.620 (91.9)
C
Thread
(Class 2A)
0.438 - 28 UNEF
0.563 - 24 UNEF
0.688 - 24 UNEF
0.813 - 20 UNEF
0.938 - 20 UNEF
1.250 - 18 UNEF
1.563 - 18 UNEF
1.875 - 16 UN
2.375 - 16 UN
2.875 - 16 UN
3.375 - 16 UN
L
±.02
(.5)
.210
(5.3)
.250
(6.4)
.250
(6.4)
.310
(7.9)
.310
(7.9)
.370
(9.4)
.370
(9.4)
.430 (10.9)
.430 (10.9)
.430 (10.9)
.430 (10.9)
K
Dia
Min.
.250
(6.4)
.370
(9.4)
.500 (12.7)
.620 (15.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
L
K Dia
C Thread
.312 (7.9)
A Thread,
Ext NPT
P


Similar Part No. - M24758-17-04-A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-17-16-A GLENAIR-M24758-17-16-A Datasheet
77Kb / 1P
   Adapter for Tapered Pipe Thread
More results

Similar Description - M24758-17-04-A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-17-16-A GLENAIR-M24758-17-16-A Datasheet
77Kb / 1P
   Adapter for Tapered Pipe Thread
M24758-17C04 GLENAIR-M24758-17C04 Datasheet
50Kb / 2P
   Adapter for Tapered Pipe Thread
M24758-26B03 GLENAIR-M24758-26B03 Datasheet
189Kb / 2P
   Adapter for Tapered Pipe Thread
710-114M32 GLENAIR-710-114M32 Datasheet
72Kb / 1P
   Metal Straight Tapered Pipe Thread Adapters
M24758-18-02-A GLENAIR-M24758-18-02-A Datasheet
61Kb / 1P
   Adapter for Straight Pipe Thread
M24758-18-16-A GLENAIR-M24758-18-16-A Datasheet
78Kb / 1P
   Adapter for Straight Pipe Thread
M24758-18C GLENAIR-M24758-18C Datasheet
49Kb / 2P
   Adapter for Straight Pipe Thread
330AS003B16 GLENAIR-330AS003B16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
M24758-31C16 GLENAIR-M24758-31C16 Datasheet
197Kb / 2P
   Adapter for PG Thread
330AS001B16 GLENAIR-330AS001B16 Datasheet
98Kb / 1P
   Pipe Thread Adapters Rotatable Coupling
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com