Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMX55161A-70GBM Datasheet(PDF) 3 Page - Austin Semiconductor

Part # SMX55161A-70GBM
Description  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMX55161A-70GBM Datasheet(HTML) 3 Page - Austin Semiconductor

  SMX55161A-70GBM Datasheet HTML 1Page - Austin Semiconductor SMX55161A-70GBM Datasheet HTML 2Page - Austin Semiconductor SMX55161A-70GBM Datasheet HTML 3Page - Austin Semiconductor SMX55161A-70GBM Datasheet HTML 4Page - Austin Semiconductor SMX55161A-70GBM Datasheet HTML 5Page - Austin Semiconductor SMX55161A-70GBM Datasheet HTML 6Page - Austin Semiconductor SMX55161A-70GBM Datasheet HTML 7Page - Austin Semiconductor SMX55161A-70GBM Datasheet HTML 8Page - Austin Semiconductor SMX55161A-70GBM Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
3
SMJ55161A
Rev. 1.6
03/05
GENERAL DESCRIPTION
The SMJ55161A, a multiport-video random-access memory
(RAM), is a high-speed, dual-port memory device. It consists
of a dynamic RAM (DRAM) module organized as 262 144 words
of 16 bits each interfaced to a serial-data register (serial-access
memory [SAM]) organized as 512 words of 16 bits each. The
SMJ55161A supports three basic types of operation: random
access to and from the DRAM, serial access to/from the serial
register, and transfer of data from any row in the DRAM to the
serial register and vice versa. Except during transfer operations,
the SMJ55161A can be accessed simultaneously and
asynchronously from the DRAM and SAM ports.
The SMJ55161A is equipped with several features designed
to provide higher system-level bandwidth and to simplify design
integration on both the DRAM and SAM ports. On the DRAM
port, greater pixel-draw rates are achieved by the device’s
(8 × 8) × 2 block-write feature. The block-write mode allows 16
bits of data (present in an on-chip color-data register) to be
written to any combination of eight adjacent column-address
locations. As many as 128 bits of data can be written to memory
during each CAS\ cycle time. Also, on the DRAM port and
SAM port, a write mask or a write-per-bit feature allows
masking of any combination of the 16 inputs/outputs on any
write cycle. The persistent write-per-bit feature uses a mask
register that, once loaded, can be used on subsequent write
cycles without reloading. The SMJ55161A also offers byte
control which can be applied in read cycles, write cycles, block-
write cycles, load-write-mask-register cycles, and load-color-
register cycles. The SMJ55161A also offers extended-data-
output (EDO) mode. The EDO mode is effective in both the
page-mode and standard DRAM cycles.
The SMJ55161A offers a split-register-transfer read
(DRAM-to-SAM) feature for the serial register (SAM port) that
enables real-time-register-load implementation for continuous
serial-data streams without critical timing requirements. The
register is divided into a high half and a low half. While one half
is being read out of the SAM port, the other half can be loaded
from the memory array. For applications not requiring real-time
register load (for example, loads done during CRT-retrace
periods), the full-register mode of operation is retained to
simplify system design.
The SAM port is designed for maximum performance. Data
can be accessed from the SAM at serial rates up to 50 MHz.
During the split-register-transfer read operations, internal
circuitry detects when the last bit position is accessed from the
active half of the register and immediately transfers control to
the opposite half. A separate output, QSF, is included to
indicate which half of the serial register is active.
All inputs, outputs, and clock signals on the SMJ55161 are
compatible with Series 54/74 TTL. All address lines and data-in
lines are latched on-chip to simplify system design. All data-
out lines are unlatched to allow greater system flexibility.
The SMJ55161A is offered in a 68-pin ceramic pin-grid-
array package (GB suffix) and a 64-pin ceramic flatpack (HKC
suffix).
The SMJ55161A is supported by a broad line of graphic
processors and control devices from Texas Instruments. See
Table 2 and Table 4 for additional information.
Additional features of the 55161A include MASKED
FLASH WRITE which allows for data in color register to be
written into all the memory locations of a selected row.


Similar Part No. - SMX55161A-70GBM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMX5000XLRT3U TRIPPLITE-SMX5000XLRT3U Datasheet
508Kb / 5P
   SmartPro 230V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMX500RT1U TRIPPLITE-SMX500RT1U_15 Datasheet
490Kb / 5P
   SmartPro 230V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
More results

Similar Description - SMX55161A-70GBM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com